Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16804 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16804
Description  High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16804 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16804 Datasheet HTML 3Page - Maxim Integrated Products MAX16804 Datasheet HTML 4Page - Maxim Integrated Products MAX16804 Datasheet HTML 5Page - Maxim Integrated Products MAX16804 Datasheet HTML 6Page - Maxim Integrated Products MAX16804 Datasheet HTML 7Page - Maxim Integrated Products MAX16804 Datasheet HTML 8Page - Maxim Integrated Products MAX16804 Datasheet HTML 9Page - Maxim Integrated Products MAX16804 Datasheet HTML 10Page - Maxim Integrated Products MAX16804 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
High-Voltage, 350mA LED Driver with
Analog and PWM Dimming Control
_______________________________________________________________________________________
7
The dimming feature can be used for LED brightness
adjustment (see the Simplified Diagrams) and theater
dimming. If an external PWM signal is used, the theater-
dimming effect can be achieved by varying the PWM
duty cycle. Figure 1 shows a simple circuit that imple-
ments theater dimming with a DC input signal.
+5V Regulator
The MAX16804 includes a fixed +5V output regulator
that delivers up to 2mA of load current throughout the
6.5V to 40V input voltage range. Connect a 0.1µF com-
pensation capacitor from V5 to ground. Shorting V5 to
ground disables the thermal shutdown. When EN is
low, V5 is off. V5 stays on during PWM dimming.
Thermal Protection
The MAX16804 enters a thermal-shutdown mode in the
event of overheating. This typically occurs in overload or
short-circuit conditions on the output. If the junction tem-
perature exceeds TJ = +155°C (typ), the internal ther-
mal-protection circuitry turns off the series pass device.
The MAX16804 recovers from thermal-shutdown mode
once the junction temperature drops by 23°C (typ). The
part therefore protects itself by thermally cycling in the
event of a short-circuit or overload condition.
Applications Information
Programming the LED Current
The MAX16804 uses a sense resistor across CS+ and
CS- to set the LED current. The differential sense ampli-
fier connected across RSENSE provides ground-loop
immunity and low-frequency noise rejection. The LED
current is given by
ILED = VSENSE / RSENSE
(2)
Input-Voltage Considerations
For proper operation, the minimum input voltage must
always be:
VIN(MIN)
≥ VRSENSE(MAX) + VFT(MAX) + ΔVDO(MAX) (3)
where VFT(MAX) is the maximum forward voltage of all
series connected LEDs and
ΔVDO(MAX) is the maximum
drop output voltage. The minimum operating voltage of
the device is +5.5V.
Two Brightness Levels for
TAIL/STOP Lights
Figure 2 shows two-level brightness adjustment using
the MAX16804 with minimum external components. Set
the dimming level with a resistive divider connected to
DIM. See Equation 1 for details.
MAX16804
IN
OUT
V5
LEDs
RSENSE
VIN
THEATER
DIMMING
SIGNAL
+5V REG
CS+
0.1
μF
CS-
DIM
GND
EN
Figure 1. Theater Dimming
IN
EN
DIM
CS-
CS+
OUT
GND
R1
R2
TAIL
STOP
D1
D2
V5
RSENSE
MAX16804
LEDs
Figure 2. Two-Level Brightness Operation


Similar Part No. - MAX16804

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
More results

Similar Description - MAX16804

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
   350mA LED driver with internal switch and enhanced PWM dimming range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com