Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM7643SM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OM7643SM
Description  SURFACE MOUNT NEGATIVE VOLTAGE REGULATOR, 3-TERMINAL, FIXED VOLTAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM7643SM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OM7643SM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7643SM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7643SM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7643SM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.5 - 141
OM7642SM - OM7644SM
3.5
ELECTRICAL CHARACTERISTICS -15 Volt V
IN = -23V, Io = 500mA, -55°C ≤ TA ≤ 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Output Voltage
VOUT
TA = 25°C
-14.85
-15.15
V
VIN = -17.5V to -30V
-14.55
-15.45
V
Line Regulation
VRLINE
VIN = -17.5V to -30V
25
mV
(Note 1)
50
mV
VIN = -20V to -26V
15
mV
25
mV
Load Regulation
VRLOAD
IO = 5mA to 1.5 Amp
35
mV
(Note 1)
75
mV
IO = 250mA to 750 mA
21
mV
45
mV
Standby Current Drain
ISCD
6.0
mA
6.5
mA
Standby Current Drain
∆I
SCD
VIN = -17.5V to -30V
0.8
mA
Change With Line
(Line)
Standby Current Drain
∆I
SCD
IO = 5mA to 1000mA
0.5
mA
Change With Load(Load
)
Dropout Voltage
VDO
∆V
OUT = 100mV, IO = 1.0A
2.5
V
Peak Output Current
IO (pk)
TA = 25°C
1.5
3.3
A
Short Circuit Current
IDS
VIN = -35V
1.2
A
(Note 2)
2.8
A
Ripple Rejection
∆V
IN
f =120 Hz,
∆V
IN = -10V
53
dB
∆V
OUT
(Note 3)
50
dB
Output Noise Voltage
NO
TA = 25°C, f =10 Hz to 100KHz
40
µV/V
(Note 3)
RMS
Long Term Stability
∆V
OUT
TA = 25°C, t = 1000 hrs.
150
mV
(Note 3)
∆t
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. Short Circuit protection is only assured up to V
IN = -35V.
3. If not tested, shall be guaranteed to the specified limits.
The • denotes the specifications which apply over the full operating temperature range.
3.5
3
2.5
2
1.5
1
0.5
0
0
5
10
15
20
25
30
35
PEAK OUTPUT CURRENT
∆V
OUT = 100mV
T
j = -55°C
T
j = 25°C
T
j = 150°C
2.5
2
1.5
1
0.5
0
-75-50 -25
0
2 5 5 0 7 5 1 0 0 1 2 51 5 0
DROPOUT VOLTAGE
∆V
OUT = 100MV
I
OUT = 0A
I
OUT = 500mA
I
OUT = 1A
100
80
60
40
20
0
1 0
100
1k
10k
RIPPLE REJECTION
V
OUT = 5V
V
IN - V = 8VDC +3.5Vrms
I
OUT = 1A
T
j = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Input To Output Differential (V)
Junction Temperature (°C)
Frequency (Hz)


Similar Part No. - OM7643SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7640SM ETC1-OM7640SM Datasheet
31Kb / 4P
   SURFACE MOUNT POSITIVE VOLTAGE REGULATOR, 3-TERMINAL, FIXED VOLTAGE
OM7641SM ETC1-OM7641SM Datasheet
31Kb / 4P
   SURFACE MOUNT POSITIVE VOLTAGE REGULATOR, 3-TERMINAL, FIXED VOLTAGE
logo
International Rectifier
OM7642SM IRF-OM7642SM Datasheet
33Kb / 4P
   Small Hermetic Surface Mount Package
OM7642SM IRF-OM7642SM_15 Datasheet
33Kb / 4P
   Small Hermetic Surface Mount Package
logo
List of Unclassifed Man...
OM7646SM ETC1-OM7646SM Datasheet
26Kb / 2P
   SURFACE MOUNT POSITIVE ADJUSTABLE 1.5 AMP VOLTAGE REGULATOR
More results

Similar Description - OM7643SM

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7900B TSC-TS7900B Datasheet
517Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_13 Datasheet
252Kb / 6P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_12 Datasheet
202Kb / 6P
   3-Terminal Fixed Negative Voltage Regulator
TS7900A TSC-TS7900A_07 Datasheet
517Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_07 Datasheet
502Kb / 11P
   3-Terminal Fixed Negative Voltage Regulator
TS7900 TSC-TS7900_10 Datasheet
280Kb / 8P
   3-Terminal Fixed Negative Voltage Regulator
logo
List of Unclassifed Man...
OM7905SM ETC1-OM7905SM Datasheet
27Kb / 2P
   SURFACE MOUNT NEGATIVE FIXED VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS7900A TSC-TS7900A Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7900 TSC-TS7900 Datasheet
171Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
logo
List of Unclassifed Man...
OM7639SM ETC1-OM7639SM Datasheet
31Kb / 4P
   SURFACE MOUNT POSITIVE VOLTAGE REGULATOR, 3-TERMINAL, FIXED VOLTAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com