Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SG126FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SG126FU
Description  Bus Buffer with 3-STATE Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SG126FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SG126FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 7Page - Toshiba Semiconductor TC7SG126FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC7SG126FU
2007-11-01
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
VCC
VCC
1.1~1.3
VCC
× 0.7
VCC
× 0.7
1.4~1.6
VCC
× 0.65
VCC
× 0.65
1.65~
1.95
VCC
× 0.65
VCC
× 0.65
2.3~2.7
1.7
1.7
High level
VIH
3.0~3.6
2.0
2.0
0.9
GND
GND
1.1~1.3
VCC
× 0.3
VCC
× 0.3
1.4~1.6
VCC
× 0.35
VCC
× 0.35
1.65~
1.95
VCC
× 0.35
VCC
× 0.35
2.3~2.7
0.7
0.7
Input voltage
Low level
VIL
3.0~3.6
0.8
0.8
V
IOH =−0.02 mA
0.9
0.75
0.75
IOH = −0.3 mA 1.1~1.3
VCC
× 0.75
VCC
× 0.75
IOH = −1.7 mA 1.4~1.6
VCC
× 0.75
VCC
× 0.75
IOH = −3.0 mA
1.65~
1.95
VCC
-0.45
VCC
-0.45
IOH = −4.0 mA 2.3~2.7
2.0
2.0
High level
VOH
VIN =
VIH
IOH = −8.0 mA 3.0~3.6
2.48
2.48
IOL = 0.02 mA
0.9
0.1
0.1
IOL = 0.3 mA
1.1~1.3
VCC
× 0.25
VCC
× 0.25
IOL = 1.7 mA
1.4~1.6
VCC
× 0.25
VCC
× 0.25
IOL = 3.0 mA
1.65~
1.95
0.45
0.45
IOL = 4.0 mA
2.3~2.7
0.4
0.4
Output voltage
Low level
VOL
VIN =
VIL
or VIH
IOL = 8.0 mA
3.0~3.6
0.4
0.4
V
Input leakage current
IIN
VIN = 0~5.5V
0~3.6
±0.1
±1.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~3.6V
0.9~3.6
1.0
10.0
μA
Power off leakage current
IOFF
VIN = 5.5V
or VOUT = 3.6V
0.0
1.0
10.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
3.6
1.0
10.0
μA


Similar Part No. - TC7SG126FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG126FE TOSHIBA-TC7SG126FE Datasheet
165Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG126FE TOSHIBA-TC7SG126FE_11 Datasheet
169Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7SG126FU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
   Bus Buffer with 3-STATE Output
logo
ON Semiconductor
NL17SG126 ONSEMI-NL17SG126 Datasheet
127Kb / 11P
   Bus Buffer with 3-State Output
July, 2014 ??Rev. 5
logo
Toshiba Semiconductor
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
   Bus Buffer with 3-STATE Output
2009-09-18
TC7SG125AFS TOSHIBA-TC7SG125AFS Datasheet
174Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ126AFS TOSHIBA-TC7SZ126AFS Datasheet
212Kb / 6P
   Bus Buffer With 3-STATE Output
TC7WH126FK TOSHIBA-TC7WH126FK_09 Datasheet
184Kb / 7P
   Bus Buffer with 3-STATE Output
TC7SZ126AFE TOSHIBA-TC7SZ126AFE Datasheet
138Kb / 6P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com