Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F200BZT80BDBJE Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS28F200BZT80BDBJE
Description  262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F200BZT80BDBJE Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS28F200BZT80BDBJE Datasheet HTML 5Page - Texas Instruments TMS28F200BZT80BDBJE Datasheet HTML 6Page - Texas Instruments TMS28F200BZT80BDBJE Datasheet HTML 7Page - Texas Instruments TMS28F200BZT80BDBJE Datasheet HTML 8Page - Texas Instruments TMS28F200BZT80BDBJE Datasheet HTML 9Page - Texas Instruments TMS28F200BZT80BDBJE Datasheet HTML 10Page - Texas Instruments TMS28F200BZT80BDBJE Datasheet HTML 11Page - Texas Instruments TMS28F200BZT80BDBJE Datasheet HTML 12Page - Texas Instruments TMS28F200BZT80BDBJE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TMS28F200BZT, TMS28F200BZB
262144 BY 8-BIT/131072 BY 16-BIT
BOOT-BLOCK FLASH MEMORIES
SMJS200E – JUNE 1994 – REVISED JANUARY 1998
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
command state machine operations (continued)
During an erase cycle, the CSM responds to status-read and erase-suspend commands. When the WSM has
completed its task, the WSM status bit (SB7) is set to a logic-high level and the CSM responds to the full
command set. The CSM stays in the current command state until the microprocessor issues another command.
The WSM successfully initiates an erase or program operation only when VPP is within its correct voltage range
(VPPH). For data protection, it is recommended that RP be held at a logic-low level during a CPU-reset.
clear status register
The internal circuitry can set only the VPP status bit (SB3), the program status bit (SB4), and the erase status
bit (SB5) of the status register. The clear-status-register command (50h) allows the external microprocessor
to clear these status bits and synchronize them to internal operations. When the status bits are cleared, the
device returns to the read-array mode.
read operations
There are three read operations available: read-array, read-algorithm-selection-code, and read-status-register.
D Read array
The array is read by entering the command code FFh on DQ0 – DQ7. Control pins E and G must be at a
logic-low level ( VIL) and W and RP must be at a logic-high level (VIH) to read data from the array. Data is
available on DQ0 – DQ15 (word-wide mode) or DQ0 – DQ7 (byte-wide mode ). Any valid address within any
of the blocks selects that block and allows data to be read from the block.
D Read algorithm-selection code
Algorithm-selection codes are read by entering command code 90h on DQ0 – DQ7. Two bus cycles are
required for this operation: the first to enter the command code and a second to read the device-equivalent
code. Control pins E and G must be at a logic-low level ( VIL) and W and RP must be at a logic-high level
(VIH). Two identifier bytes are accessed by toggling A0. The manufacturer-equivalent code is obtained on
DQ0 – DQ7 with A0 at a logic-low level ( VIL). The device-equivalent code is obtained when A0 is set to a
logic-high level ( VIH). Alternatively, the manufacturer- and device-equivalent codes can be read by applying
VID (nominally 12 V) to A9 and selecting the desired code by toggling A0 high or low. All other addresses are
in the “don’t care” category (see Table 2, Table 4, and Table 5).
D Read status register
The status register is read by entering the command code 70h on DQ0 – DQ7. Control pins E and G must be
at a logic-low level ( VIL) and W and RP must be at a logic-high level (VIH). Two bus cycles are required for
this operation: one to enter the command code and a second to read the status register. In a given read
cycle, status-register contents are updated on the falling edge of E or G, whichever occurs last within the
cycle.
boot-block programming / erasing
Should changes to the boot block be required, RP must be set to VHH (12 V) and VPP must be set to the
programming voltage level ( VPPH). If an attempt is made to write, erase, or erase-suspend the boot block without
RP at VHH, an error signal is generated on SB4 (program-status bit) or SB5 (erase-status bit).
A program-setup command can be aborted by writing FFh (in byte-wide mode) or FFFFh (in word-wide mode)
during the second cycle. After writing FFh or FFFFh during the second cycle, the CSM responds only to
status-reads. When the WSM status bit (SB7) is set to a logic-high level, signifying termination of the
nonprogram operation, all commands to the CSM become valid again.


Similar Part No. - TMS28F200BZT80BDBJE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F200AEB TI-TMS28F200AEB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AET TI-TMS28F200AET Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AEY TI-TMS28F200AEY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AFB TI-TMS28F200AFB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F200AFB60BDBJL TI-TMS28F200AFB60BDBJL Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F200BZT80BDBJE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
[Old version datasheet]   8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F004AXY TI-TMS28F004AXY Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
[Old version datasheet]   1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com