Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM100DSA120 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PM100DSA120
Description  Intellimod??Module Single Phase IGBT Inverter Output (100 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM100DSA120 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PM100DSA120 Datasheet HTML 1Page - Powerex Power Semiconductors PM100DSA120 Datasheet HTML 2Page - Powerex Power Semiconductors PM100DSA120 Datasheet HTML 3Page - Powerex Power Semiconductors PM100DSA120 Datasheet HTML 4Page - Powerex Power Semiconductors PM100DSA120 Datasheet HTML 5Page - Powerex Power Semiconductors PM100DSA120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
649
PM100DSA120
Intellimod™ Module
Single Phase IGBT Inverter Output
100 Amperes/1200 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Over Current Trip Level Inverter Part
OC
-20
°C ≤ T ≤ 125°C
145
230
Amperes
Short Circuit Trip Level Inverter Part
SC
-20
°C ≤ T ≤ 125°C
200
340
Amperes
Over Current Delay Time
toff(OC)
VD = 15V
5
µS
Over Temperature Protection
OT
Trip Level
100
110
120
°C
OTR
Reset Level
85
95
105
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
UVR
Reset Level
12.5
Volts
Supply Voltage
VD
Applied between VP1-VPC, VN1-VNC
13.5
15
16.5
Volts
Circuit Current
ID
VD = 15V, VCIN = 5V, VN1-VNC
—19
26
mA
VD = 15V, VCIN = 5V, VXP1-VXPC
—19
26
mA
Input ON Threshold Voltage
VCIN(on)
Applied between
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
VCIN(off)
CP1-VPC, CN1-VNC
1.7
2.0
2.3
Volts
PWM Input Frequency
fPWM
3-
Sinusoidal
15
20
kHz
Fault Output Current
IFO(H)
VD = 15V, VFO = 15V
0.01
mA
IFO(L)
VD = 15V, VFO = 15V
10
15
mA
Minimum Fault Output Pulse Width
tFO
VD = 15V
1.0
1.8
mS
SXR Terminal Output Voltage
VSXR
Tj ≤125°C, Rin = 6.8 k (SPR, SNR)
4.5
5.1
5.6
Volts


Similar Part No. - PM100DSA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
65Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120_00 Datasheet
65Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM100DSA120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100CSA120 POWEREX-PM100CSA120 Datasheet
932Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM100CVA120 POWEREX-PM100CVA120 Datasheet
186Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM100CSD120 POWEREX-PM100CSD120 Datasheet
264Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM150DSA120 POWEREX-PM150DSA120 Datasheet
76Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM300DSA120 POWEREX-PM300DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM200DVA120 POWEREX-PM200DVA120 Datasheet
104Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM75DSA120 POWEREX-PM75DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM200DSA120 POWEREX-PM200DSA120 Datasheet
78Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM300DVA120 POWEREX-PM300DVA120 Datasheet
94Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM100RSD120 POWEREX-PM100RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com