Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3680IR-TK Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL3680IR-TK
Description  Direct Conversion Transceiver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3680IR-TK Datasheet(HTML) 1 Page - Intersil Corporation

  ISL3680IR-TK Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. PRISM® is a registered trademark of Intersil Corporation.
PRISM logo is a trademark of Intersil Corporation. Microsoft® and Windows® are registered trademarks of Microsoft Corporation.
ISL3680
Direct Conversion Transceiver
The Intersil ISL3680 is a highly
integrated UHF2 process, direct
conversion transceiver and is part of a
2.4GHz, IEEE802.11b/g compliant radio chipset. The
ISL3680 directly interfaces with Intersil’s ISL3880 Medium
Access Controller with Integrated Baseband processor. The
addition of Intersil’s ISL3980 power amplifier and ISL3090
10GHz VCO completes a WLAN transceiver application.
Pinout
ISL3680 (QFN)
TOP VIEW
Features
• Highly integrated Dual Band RF to baseband solution
• Frequency of operation . . . . . . . . . . . . . . . . 2.4 to 2.5GHz
• Low supply operation . . . . . . . . . . . . . . . . . . . . 2.7 to 3.3V
• Noise figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.4dB
• TX OFDM Output Power . . . . . . . . . . . . . . . . . . . . .-5dBm
• TX I/Q MTPR, PAR=12 . . . . . . . . . . . . . . . . . . . . . . -45dB
• RX Voltage gain . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 74dB
• RX I/Q MTPR, PAR=12, High Gain . . . . . . . . . . . . . -35dB
• TX/RX switching speed . . . . . . . . . . . . . . . . . . . . . . .<1
µS
• Direct simple interface to ISL3880
MLFP Package
• Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No
Leads - Package Outline
• Near Chip Scale Package footprint, which improves PCB
efficiency and has a thinner profile
Applications
• PC card wireless LAN adapters
• High data rate wireless LAN systems targeting
IEEE802.11 b/g standards
• Spread spectrum Dual Band WLAN RF modems
• TDMA or CSMA packet protocol Dual Band radios
• PCI wireless LAN cards
• ISA, ISA PnP WLAN cards
LNA_VCC
LNA_GND
LB_LNA_IN-
LB_SHIELD
LB_LNA_IN+
HB_SHIELD
TX_I+
TX_Q+
TX_Q-
LB_TX_OUT+
LB_TX_OUT-
TX_I-
TX_VCC2
TX_GND
PRE_VDD
LD/RREF
RX_I+
RX_I-
RX_AGC_GND
RX_Q-
RX_Q+
RX_AGC_VCC
1.2V_REF
RX_I
RX_Q
BB_OVLD
VREF
LE
PRE_GND
DATA
NC
NC
NC
NC
LB
29
28
27
26
25
24
23
22
21
20
19
31
30
32
18
17
61
60
59
58
57
56
55
54
53
52
51
63
62
64
50
49
HB_SHIELD_2
2
I
Q
2
I
Q
I SELECT
Q SELECT
RX I
TX I
RX Q
TX Q
LB
TX_I
TX_Q
CP
SERIAL INTER.
2
10GHz
LO
REF IN
TX_DET
TX_VCC1
SYNTHESIZER
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.NO.
ISL3680IR
-40 to 85
64 Ld QFN
L64.9x9
ISL3680IR-TK
Tape and Reel
Data Sheet
March 2003
FN8053


Similar Part No. - ISL3680IR-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
   Direct Down Conversion Transceiver
ISL3685 INTERSIL-ISL3685 Datasheet
199Kb / 19P
   2.4GHz RF/IF Converter and Synthesizer
ISL3685IR INTERSIL-ISL3685IR Datasheet
199Kb / 19P
   2.4GHz RF/IF Converter and Synthesizer
ISL3685IR96 INTERSIL-ISL3685IR96 Datasheet
199Kb / 19P
   2.4GHz RF/IF Converter and Synthesizer
More results

Similar Description - ISL3680IR-TK

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
   Direct Conversion Transceiver
logo
Intersil Corporation
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
   Direct Down Conversion Transceiver
ISL3690 INTERSIL-ISL3690 Datasheet
36Kb / 1P
   Dual Band Direct Conversion Transceiver
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com