Electronic Components Datasheet Search |
|
TPS7101QPWR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TPS7101QPWR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 40 page TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y LOW-DROPOUT VOLTAGE REGULATORS SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at IO = 10 mA, EN = 0 V, CO = 4.7 µF/CSR† = 1 Ω, SENSE/FB shorted to OUT (unless otherwise noted) PARAMETER TEST CONDITIONS‡ TJ TPS7101Q, TPS7133Q TPS7148Q, TPS7150Q UNIT J MIN TYP MAX Ground current (active mode) EN ≤ 0.5 V, VI = VO + 1 V, 25 °C 285 350 µA Ground current (active mode) EN ≤ 0.5 V, 0 mA ≤ IO ≤ 500 mA VI VO + 1 V, – 40 °C to 125°C 460 µA Input current (standby mode) EN V 27 V ≤ V ≤ 10 V 25 °C 0.5 µA Input current (standby mode) EN = VI, 2.7 V ≤ VI ≤ 10 V – 40 °C to 125°C 2 µA Output current limit VO =0 VI =10V 25 °C 1.2 2 A Output current limit VO = 0, VI = 10 V – 40 °C to 125°C 2 A Pass-element leakage current in standby EN V 27 V ≤ V ≤ 10 V 25 °C 0.5 µA gy mode EN = VI, 2.7 V ≤ VI ≤ 10 V – 40 °C to 125°C 1 µA PG leakage current Normal operation VPG =10V 25 °C 0.02 0.5 µA PG leakage current Normal operation, VPG = 10 V – 40 °C to 125°C 0.5 µA Output voltage temperature coefficient – 40 °C to 125°C 61 75 ppm/ °C Thermal shutdown junction temperature 165 °C EN logic high (standby mode) 2.5 V ≤ VI ≤ 6 V 40 °Cto125°C 2 V EN logic high (standby mode) 6 V ≤ VI ≤ 10 V – 40 °C to 125°C 2.7 V EN logic low (active mode) 27 V ≤ VI ≤ 10 V 25 °C 0.5 V EN logic low (active mode) 2.7 V ≤ VI ≤ 10 V – 40 °C to 125°C 0.5 V EN hysteresis voltage 25 °C 50 mV EN input current 0V ≤ VI ≤ 10 V 0V ≤ VI ≤ 10 V 25 °C – 0.5 0.5 µA EN input current 0 V ≤ VI ≤ 10 V 0 V ≤ VI ≤ 10 V – 40 °C to 125°C – 0.5 0.5 µA Minimum VI for active pass element 25 °C 2.05 2.5 V Minimum VI for active pass element – 40 °C to 125°C 2.5 V Minimum VI for valid PG IPG = 300 µA IPG = 300 µA 25 °C 1.06 1.5 V Minimum VI for valid PG IPG = 300 µA IPG = 300 µA – 40 °C to 125°C 1.9 V † CSR (compensation series resistance) refers to the total series resistance, including the equivalent series resistance (ESR) of the capacitor, any series resistance added externally, and PWB trace resistance to CO. ‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must be taken into account separately. |
Similar Part No. - TPS7101QPWR |
|
Similar Description - TPS7101QPWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |