Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WG126FU Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7WG126FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG126FU Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7WG126FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WG126FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WG126FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WG126FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WG126FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WG126FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WG126FU Datasheet HTML 7Page - Toshiba Semiconductor TC7WG126FU Datasheet HTML 8Page - Toshiba Semiconductor TC7WG126FU Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC7WG126FU/FK
2007-11-01
5
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
CL = 10 pF,
RL = 100 kΩ
0.9
168.6
1.1~1.3
9.5
18.4
1.0
25.2
1.4~1.6
7.5
9.5
1.0
10.6
1.65~ 1.95
7.1
8.7
1.0
9.6
2.3~2.7
6.8
7.9
1.0
8.8
CL = 10 pF,
RL = 5 kΩ
3.0~3.6
6.5
7.5
1.0
8.4
CL = 15 pF,
RL = 100 kΩ
0.9
201.8
1.1~1.3
10.5
19.8
1.0
27.6
1.4~1.6
9.0
10.4
1.0
12.3
1.65~ 1.95
8.5
9.7
1.0
10.6
2.3~2.7
7.9
8.8
1.0
10.3
CL = 15 pF,
RL = 5 kΩ
3.0~3.6
7.6
8.3
1.0
9.5
CL = 30 pF,
RL = 100 kΩ
0.9
251.5
1.1~1.3
14.1
23.8
1.0
31.9
1.4~1.6
13.5
14.5
1.0
16.0
1.65~ 1.95
12.7
14.3
1.0
15.0
2.3~2.7
12.2
14.1
1.0
14.7
Output disable time
tpLZ
tpHZ
CL = 30 pF,
RL = 5 kΩ
3.0~3.6
11.9
13.8
1.0
14.4
ns
Input capacitance
CIN
3.6
3
pF
Power dissipation capacitance
CPD
(Note 13)
0.9 ~ 3.6
10
pF
Note 13:CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/2
AC Characteristics Measurement Circuit
Open
VCC x 2
GND
Output
Measure
Characteristics
Switch
tpLH, tpHL
Open
tpLZ, tpZL
VCC x 2
tpHZ, tpZH
GND
Figure1 tpLH, tpHL


Similar Part No. - TC7WG126FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WG126FU TOSHIBA-TC7WG126FU_09 Datasheet
210Kb / 9P
   Dual Bus Buffer with 3-STATE Output
More results

Similar Description - TC7WG126FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WG125FC TOSHIBA-TC7WG125FC Datasheet
195Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG126FC TOSHIBA-TC7WG126FC Datasheet
195Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG125FU TOSHIBA-TC7WG125FU Datasheet
215Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
logo
KEC(Korea Electronics)
KIC7SZ125FU KEC-KIC7SZ125FU Datasheet
83Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT BUS BUFFER, 3-STATE OUTPUT
logo
Toshiba Semiconductor
TC74AC367P TOSHIBA-TC74AC367P_07 Datasheet
268Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Bus Buffer (3-state)
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com