Selected language     English  ▼


TC7SZ38FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC7SZ38FU
Description  2-Input NAND Gate(Open Drain Output)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TC7SZ38F/FU
2007-11-01
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
0.75
×
VCC
0.75
×
VCC
High level
VIH
2.3~5.5
0.7
×
VCC
0.7
×
VCC
1.8
0.25
×
VCC
0.25
×
VCC
Input voltage
Low level
VIL
2.3~5.5
0.3
×
VCC
0.3
×
VCC
V
High level output
leakage current
ILKG
VIN = VIL
1.8~5.5
±5
±10
μA
1.8
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 100 μA
4.5
0
0.1
0.1
IOL = 8 mA
2.3
0.1
0.3
0.3
IOL = 16 mA
3.0
0.15
0.4
0.4
IOL = 24 mA
3.0
0.22
0.55
0.55
Output voltage
Low level
VOL VIN = VIL
IOL = 32 mA
4.5
0.22
0.55
0.55
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
±1
±10
μA
Power off leakage current
IOFF VIN or VOUT = 5.5 V
0.0
1
10
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
2
20
μA




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NC7SP38TinyLogic ULP 2-Input NAND Gate Open Drain Output 1 2 3 4 5 MoreFairchild Semiconductor
NC7WZ38_05TinyLogic UHS Dual 2-Input NAND Gate Open Drain Output 1 2 3 4 5 MoreFairchild Semiconductor
NC7SP38_04TinyLogic ULP 2-Input NAND Gate Open Drain Output 1 2 3 4 5 MoreFairchild Semiconductor
NC7SZ38_04TinyLogic UHS 2-Input NAND Gate Open Drain Output 1 2 3 4 5 MoreFairchild Semiconductor
NC7SZ38TinyLogic UHS 2-Input NAND Gate Open Drain Output 1 2 3 4 5 MoreFairchild Semiconductor
74LCX38Low Voltage Quad 2-Input NAND Gate Open Drain with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX38_05Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MC74VHC1G135_072−Input NAND Schmitt−Trigger with Open Drain Output 1 2 3 4 5 MoreON Semiconductor
74ALVC38_05Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl