Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WH157FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7WH157FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH157FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7WH157FU_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7WH157FU_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7WH157FU_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7WH157FU_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7WH157FU_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7WH157FU_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7WH157FU_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7WH157FU/FK
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WH157FU,TC7WH157FK
2-Channel Multiplexer
The TC7WH157 is an advanced high speed CMOS 2-Channel
Multiplexer fabricated with silicon gate CMOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation. It consists of 2-input digital multiplexer with
common select and strobe inputs.
When the STROBE input is held “H” level, selection of data is
inhibited and all the outputs become “L” level.
The SELECT decoding determines whether the A or B inputs
get routed to their corresponding Y outputs.
An input protection circuit ensures that 0 to 7 V can be applied
to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 4.1 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• 5.5-V Tolerant inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
• Low Noise : VOLP = 0.8 V (max.)
Marking
Pin Assignment (top view)
TC7WH157FU
TC7WH157FK
Weight
SSOP8-P-0.65: 0.02 g (typ.)
SSOP8-P-0.50A: 0.01 g (typ.)
SM8
Type Name
H 1 5 7
Lot No.
W H
157
US8
GND
3
4
8
7
6
5
2
Y
B
A
Y
SELECT
ST
VCC
1


Similar Part No. - TC7WH157FU_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU_09 Datasheet
182Kb / 7P
   2-Channel Multiplexer
More results

Similar Description - TC7WH157FU_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH157FC TOSHIBA-TC7WH157FC Datasheet
144Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
logo
KEC(Korea Electronics)
KIC7W53FK KEC-KIC7W53FK Datasheet
523Kb / 6P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-CHANNEL MULTIPLEXER/DEMULTIPLEXER)
logo
Toshiba Semiconductor
TC74ACT157P TOSHIBA-TC74ACT157P_07 Datasheet
292Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74AC157P TOSHIBA-TC74AC157P_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74ACT257P TOSHIBA-TC74ACT257P Datasheet
297Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer (3-state)
TC74ACT151P TOSHIBA-TC74ACT151P_07 Datasheet
316Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74AC151F TOSHIBA-TC74AC151F_07 Datasheet
319Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74ACT153F TOSHIBA-TC74ACT153F_07 Datasheet
330Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74AC153P TOSHIBA-TC74AC153P_07 Datasheet
333Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com