Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WPB306FC Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC7WPB306FC
Description  CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WPB306FC Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC7WPB306FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 5Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 6Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 7Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 8Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 9Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 10Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 11Page - Toshiba Semiconductor TC7WPB306FC Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TC7WPB306,307FC/FK
2007-10-19
8
AC Waveform
Figure5 tpLH,tpHL
Figure6 tpLZ,tpZL
tpZ Characteristics
Figure7 tpLZ,tpZL Frequency Characteristic
This figure shows the ratio of delay time for tpLZ and tpZL at the frequency characteristic of OE or /OE when tpLZ
and tpZL at the OE or /OE frequency by 10kHz are assumed to be one.
90%
10%
Input
(An, Bn)
GND
VL/VH
tr 2.0 ns
tf 2.0 ns
50%
Output
(Bn, An)
VOL
VOH
1/2VL
tpLH
Outputs
enabled
Outputs
disabled
Outputs
enabled
Output (A1,B1)
Low to off to Low
10%
VOH
50%
tr 2.0 ns
tf 2.0 ns
GND
VL
50%
tpLZ
tpZL
Output Enable
Control
(OE(306) or
OE (307))
10%
90%
tpHL
0
1
2
3
4
5
6
7
1E+3
10E+3
100E+3
1E+6
10E+6
f (Hz)
VL=1.8V,VH=2.3V
VL=2.5V,VH=3.3V
VL=3.3V,VH=5.0V


Similar Part No. - TC7WPB306FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WPB8306L8X TOSHIBA-TC7WPB8306L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
TC7WPB8307L8X TOSHIBA-TC7WPB8307L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB9306FK TOSHIBA-TC7WPB9306FK Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB9307FC TOSHIBA-TC7WPB9307FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
More results

Similar Description - TC7WPB306FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WPN3125FK TOSHIBA-TC7WPN3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7WP3125FK TOSHIBA-TC7WP3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7WBL126AFK TOSHIBA-TC7WBL126AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
TC7WBL125AFK TOSHIBA-TC7WBL125AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WZ245FU TOSHIBA-TC7WZ245FU Datasheet
169Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com