Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM150CVA060 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PM150CVA060
Description  Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM150CVA060 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PM150CVA060 Datasheet HTML 1Page - Powerex Power Semiconductors PM150CVA060 Datasheet HTML 2Page - Powerex Power Semiconductors PM150CVA060 Datasheet HTML 3Page - Powerex Power Semiconductors PM150CVA060 Datasheet HTML 4Page - Powerex Power Semiconductors PM150CVA060 Datasheet HTML 5Page - Powerex Power Semiconductors PM150CVA060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Three Phase
IGBT Inverter Output
150 Amperes/600 Volts
389
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free-wheel diode
power devices.
Features:
□ Complete Output Power
Circuit
□ Gate Drive Circuit
□ Protection Logic
– Short Circuit
– Over Temperature
– Under Voltage
Applications:
□ Inverters
□ UPS
□ Motion/Servo Control
□ Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM150CVA060 is a 600V,
150 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
150
60
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.72
120.0
B
4.02
102.0
C
0.95 +0.04/-0.02 24.1 +1.0/-0.5
D
4.13
±0.010
105.0
±0.25
E
3.43
±0.010
87.0
±0.25
F
0.16
4.0
G
0.95
24.1
H
0.42
10.6
J
0.87
22.0
K
3.51
±0.02
89.2
±0.5
L
0.47
12.0
M
0.48
12.3
N
0.77
19.5
P
0.30
7.5
Dimensions
Inches
Millimeters
Q
0.59
15.1
R
0.72
18.25
S
M5 Metric
M5
T
0.22 Dia.
Dia. 5.5
U
0.56
±0.010
14.1
±0.25
V
1.72
±0.012
43.57
±0.3
W
0.57
±0.012
14.6
±0.3
X
3.35
85.2
Y
0.85
21.6
Z
0.10
±0.010
2.54
±0.25
AA
0.137
±0.010
3.49
±0.25
BB
0.02 SQ
0.64 SQ
CC
0.12 +0.04/-0.02
3.0 +1.0/-0.5
OUT
TEMP
Si
GND
NW
V
U
P
RfO
VCC
FO
IN
TH
GND
OUT
Si
GND
VCC
FO
IN
GND
OUT
Si
GND
VCC
FO
IN
GND
OUT
Si
GND
VCC
FO
IN
GND
OUT
Si
GND
VCC
FO
IN
GND
OUT
Si
GND
VCC
FO
IN
GND
RfO = 1.5k OHM
TERMINAL CODE
1. WFO
2. VWPC
3. WP
4. VWP1
5. VFO
6. VVPC
7. VP
8. VVP1
9. UFO
10. VUPC
11. UP
12. VUP1
13. NC
14. FO
15. VNC
16. VN1
17. UN
18. VN
19. WN
S NUTS (5 TYP.)
T (4 TYP.)
D
P
A
B K E
1234
5678
910 11 12
13 14 15 16
17 18 19
NP
UV
W
J
TYP.
N
V
U
R
P
U
M
L - TYP.
M
Q
C
G
F
H
Y
XW
Z - TYP.
AA - TYP.
BB SQ PIN - TYP.
(19 PLACES)
CCØ
(4 PLACES)
DETAIL A
SEE
DETAIL A
PM150CVA060


Similar Part No. - PM150CVA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM150CVA060 MITSUBISHI-PM150CVA060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM150CVA060 MITSUBISHI-PM150CVA060 Datasheet
61Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM150CVA060 MITSUBISHI-PM150CVA060 Datasheet
80Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CVA060 MITSUBISHI-PM150CVA060 Datasheet
83Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM150CVA060 MITSUBISHI-PM150CVA060_05 Datasheet
80Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM150CVA060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM150CSA060 POWEREX-PM150CSA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM150CSD060 POWEREX-PM150CSD060 Datasheet
83Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM150RSA060 POWEREX-PM150RSA060 Datasheet
89Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
PM150RSD060 POWEREX-PM150RSD060 Datasheet
93Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
PM150CSD120 POWEREX-PM150CSD120 Datasheet
264Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM150CVA120 POWEREX-PM150CVA120 Datasheet
621Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM100CVA060 POWEREX-PM100CVA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
PM30CSJ060 POWEREX-PM30CSJ060 Datasheet
66Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (30 Amperes/600 Volts)
PM200CVA060 POWEREX-PM200CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM10CSJ060 POWEREX-PM10CSJ060 Datasheet
66Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (10 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com