Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC59LM818DMB-40 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TC59LM818DMB-40
Description  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM818DMB-40 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TC59LM818DMB-40 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM818DMB-40 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM818DMB-40 Datasheet HTML 9Page - Toshiba Semiconductor TC59LM818DMB-40 Datasheet HTML 10Page - Toshiba Semiconductor TC59LM818DMB-40 Datasheet HTML 11Page - Toshiba Semiconductor TC59LM818DMB-40 Datasheet HTML 12Page - Toshiba Semiconductor TC59LM818DMB-40 Datasheet HTML 13Page - Toshiba Semiconductor TC59LM818DMB-40 Datasheet HTML 14Page - Toshiba Semiconductor TC59LM818DMB-40 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
TC59LM818DMB-33,-40
2005-10-19
11/57
Rev 1.4
POWER UP SEQUENCE
(1)
As for PD , being maintained by the low state (
≤ 0.2 V) is desirable before a power-supply injection.
(2)
Apply VDD before or at the same time as VDDQ.
(3)
Apply VDDQ before or at the same time as VREF.
(4)
Start clock (CLK, CLK ) and maintain stable condition for 200
µs (min).
(5)
After stable power and clock, apply DESL and take PD =H.
(6)
Issue EMRS to enable DLL and to define driver strength and data strobe type. (Note: 1)
(7)
Issue MRS for set CAS latency (CL), Burst Type (BT), and Burst Length (BL). (Note: 1)
(8)
Issue two or more Auto-Refresh commands (Note: 1).
(9)
Ready for normal operation after 200 clocks from Extended Mode Register programming.
NOTES:
(1)
Sequence 6, 7 and 8 can be issued in random order.
(2)
L
= Logic Low, H = Logic High
(3)
DQ output is Hi-Z state during power upsequence.
Address
VDD
VDDQ
VREF
DS
QS
(Free Running mode)
2.5V(TYP)
1.5V or 1.8V(TYP)
1/2 VDDQ (TYP)
op-code
EMRS
op-code
MRS
QS
(Uni-QS mode)
EMRS
MRS
Auto Refresh cycle
Normal Operation
Low
DQ
(Input)
Command
CLK
CLK
PD
200us(min)
tPDEX
lPDA
lRSC
lRSC
lREFC
lREFC
lLOCK = 200clock cycle(min)
RDA MRS DESL
RDA MRS
DESL WRA REF
DESL
WRA REF
DESL
DESL


Similar Part No. - TC59LM818DMB-40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-40 TOSHIBA-TC59LM818DMG-40 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results

Similar Description - TC59LM818DMB-40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM914AMG TOSHIBA-TC59LM914AMG Datasheet
798Kb / 59P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com