Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC59LM818DMG-40 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC59LM818DMG-40
Description  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM818DMG-40 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC59LM818DMG-40 Datasheet HTML 2Page - Toshiba Semiconductor TC59LM818DMG-40 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM818DMG-40 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM818DMG-40 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM818DMG-40 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM818DMG-40 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM818DMG-40 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM818DMG-40 Datasheet HTML 9Page - Toshiba Semiconductor TC59LM818DMG-40 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
TC59LM818DMG-33,-40
2005-10-19
6/57
Rev 1.4
RECOMMENDED DC OPERATING CONDITIONS
(VDD = 2.5 V ± 0.125 V, VDDQ = 1.4 V ~ 1.9 V, TCASE = 0 ~ 85°C)
MAX
SYMBOL
PARAMETER
-33
-40
UNIT
NOTES
IDD1S
Operating Current
One bank read or write operation ;
tCK = min; IRC = min, IOUT = 0mA ;
Burst Length
= 4, CAS Latency = 6, Free running QS mode ;
0 V
≤ VIN ≤ VIL (AC) (max), VIH (AC) (min) ≤ VIN ≤ VDDQ,
Address inputs change up to 2 times during minimum IRC,
Read data change twice per clock cycle
235
210
1, 2
IDD2N
Standby Current
All banks: inactive state ;
tCK = min, CS = VIH, PD = VIH ;
0 V
≤ VIN ≤ VIL (AC) (max), VIH (AC) (min) ≤ VIN ≤ VDDQ ;
Other input signals change one time during 4
× tCK,
DQ and DS inputs change twice per clock cycle
95
90
1, 2
IDD2P
Standby (power down) Current
All banks: inactive state ;
tCK = min, PD = VIL (power down) ;
CAS Latency
= 6, Free running QS mode ;
0 V
≤ VIN ≤ VIL (AC) (max), VIH (AC) (min) ≤ VIN ≤ VDDQ ;
Other input signals change one time during 4
× tCK,
DQ and DS inputs are floating (VDDQ/2)
65
60
1, 2
IDD4W
Write Operating Current (4Banks)
4 Bank interleaved continuous burst write operation ;
tCK = min, IRC = min ;
Burst Length
= 4, CAS Latency = 6, Free running QS mode ;
0 V
≤ VIN ≤ VIL (AC) (max), VIH (AC) (min) ≤ VIN ≤ VDDQ ;
Address inputs change once per clock cycle,
DQ and DS inputs change twice per clock cycle
450
400
1, 2
IDD4R
Read Operating Current (4Banks)
4 Bank interleaved continuous burst read operation ;
tCK = min, IRC = min, IOUT = 0mA ;
Burst Length
= 4, CAS Latency = 6, Free running QS mode ;
0 V
≤ VIN ≤ VIL (AC) (max), VIH (AC) (min) ≤ VIN ≤ VDDQ ;
Address inputs change once per clock cycle,
Read data change twice per clock cycle
450
400
1, 2
IDD5B
Burst Auto Refresh Current
Refresh command at every IREFC interval ;
tCK = min; IREFC = min ;
CAS Latency
= 6, Free running QS mode ;
0 V
≤ VIN ≤ VIL (AC) (max), VIH (AC) (min) ≤ VIN ≤ VDDQ,
Address inputs change up to 2 times during minimum IREFC,
DQ and DS inputs change twice per clock cycle
235
210
1, 2, 3
IDD6
Self-Refresh Current
PD
= 0.2 V ;
Other input signals are floating (VDDQ/2),
DQ and DS inputs are floating (VDDQ/2)
15
15
mA
2
Notes: 1.
These parameters depend on the cycle rate and these values are measured at a cycle rate with the minimum values of
tCK, tRC and IRC.
2. These parameters define the current between VDD and VSS.
3. IDD5B is specified under burst refresh condition. Actual system should use distributed refresh that meet to tREFI
specification.


Similar Part No. - TC59LM818DMG-40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-40 TOSHIBA-TC59LM818DMB-40 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results

Similar Description - TC59LM818DMG-40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM914AMG TOSHIBA-TC59LM914AMG Datasheet
798Kb / 59P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com