Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3123 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3123
Description  Measurement Instruments Power Line Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3123 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3123 Datasheet HTML 1Page - Toshiba Semiconductor TLP3123 Datasheet HTML 2Page - Toshiba Semiconductor TLP3123 Datasheet HTML 3Page - Toshiba Semiconductor TLP3123 Datasheet HTML 4Page - Toshiba Semiconductor TLP3123 Datasheet HTML 5Page - Toshiba Semiconductor TLP3123 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP3123
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
30
mA
Forward current derating (Ta >= 25°C)
ΔIF/°C
−0.3
mA/°C
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VOFF
40
V
On-state current
ION
1
A
On-state current derating (Ta >= 50°C)
ΔION/°C
−13.3
mA/°C
Pulse on-state current (t
= 100 ms)
IONP
2
A
Power dissipation (Ta
= 50°C)
PO
130
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 minute, R.H. <= 60%) (Note 1)
BVS
1500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) : Device considered a two-terminal device : LED side pins shorted together, and detector side pins shorted
together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VDD
32
V
Forward current
IF
5
10
20
mA
Operating temperature
Topr
25
60
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.18
1.33
1.48
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V
= 0, f = 1 MHz
70
pF
Off-state current
IOFF
VOFF = 30 V
1
nA
Capacitance
COFF
V
= 0, f = 1 MHz
300
pF


Similar Part No. - TLP3123

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
   Photocoupler PHOTORELAY
More results

Similar Description - TLP3123

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
   MEASUREMENT INSTRUMENTS
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
   MEASUREMENT INSTRUMENTS
TLP3118 TOSHIBA-TLP3118 Datasheet
168Kb / 6P
   Measurement Instruments
TLP3131 TOSHIBA-TLP3131_07 Datasheet
176Kb / 6P
   MEASUREMENT INSTRUMENTS
logo
List of Unclassifed Man...
T401 ETC1-T401 Datasheet
703Kb / 26P
   Frequency Measurement and Switching Instruments
logo
Toshiba Semiconductor
TLP3100 TOSHIBA-TLP3100 Datasheet
244Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control
logo
DB Lectro Inc
10D-1T DBLECTRO-10D-1T Datasheet
601Kb / 2P
   ideal for ATE and measurement instruments.
logo
Toshiba Semiconductor
TLP3102 TOSHIBA-TLP3102 Datasheet
317Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
TLP3103 TOSHIBA-TLP3103 Datasheet
318Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Systems
TLP3105 TOSHIBA-TLP3105 Datasheet
217Kb / 7P
   Measurement Equipment FA (Factory Automation) Power Line Control Security Equipment
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com