Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC59LM913AMB-50 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC59LM913AMB-50
Description  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM913AMB-50 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC59LM913AMB-50 Datasheet HTML 1Page - Toshiba Semiconductor TC59LM913AMB-50 Datasheet HTML 2Page - Toshiba Semiconductor TC59LM913AMB-50 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM913AMB-50 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM913AMB-50 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM913AMB-50 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM913AMB-50 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM913AMB-50 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM913AMB-50 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
TC59LM913AMB-50
2005-08-19
4/46
Rev 1.1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
NOTES
VDD
Power Supply Voltage
−0.3~3.3
V
VDDQ
Power Supply Voltage (for I/O buffer)
−0.3~VDD+ 0.3
V
VIN
Input Voltage
−0.3~VDD+ 0.3
V
VOUT
Output and I/O pin Voltage
−0.3~VDDQ + 0.3
V
VREF
Input Reference Voltage
−0.3~VDD+ 0.3
V
TCASE
Operating Temperature (case)
0~85
°C
Tstg
Storage Temperature
−55~150
°C
Tsolder
Soldering Temperature (10 s)
260
°C
PD
Power Dissipation
2
W
IOUT
Short Circuit Output Current
±50
mA
Caution: Conditions outside the limits listed under “ABSOLUTE MAXIMUM RATINGS” may cause permanent damage to the device.
The device is not meant to be operated under conditions outside the limits described in the operational section of this
specification.
Exposure to “ABSOLUTE MAXIMUM RATINGS” conditions for extended periods may affect device reliability.
RECOMMENDED DC, AC OPERATING CONDITIONS (Notes: 1)(TCASE = 0~85°C)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NOTES
VDD
Power Supply Voltage
2.35
2.5
2.65
V
VDDQ
Power Supply Voltage (for I/O buffer)
2.35
VDD
VDD
V
VREF
Input Reference Voltage
VDDQ/2 × 96%
VDDQ/2
VDDQ/2 × 104%
V
2
VIH (DC)
Input DC High Voltage
VREF + 0.2
VDDQ + 0.2
V
5
VIL (DC)
Input DC Low Voltage
−0.1
VREF − 0.2
V
5
VICK (DC)
Differential Clock DC Input Voltage
−0.1
VDDQ + 0.1
V
10
VID (DC)
Input Differential Voltage.
CLK and CLK inputs (DC)
0.4
VDDQ + 0.2
V
7, 10
VIH (AC)
Input AC High Voltage
VREF + 0.35
VDDQ + 0.2
V
3, 6
VIL (AC)
Input AC Low Voltage
−0.1
VREF − 0.35
V
4, 6
VID (AC)
Input Differential Voltage.
CLK and CLK inputs (AC)
0.7
VDDQ + 0.2
V
7, 10
VX (AC)
Differential AC Input Cross Point Voltage
VDDQ/2 − 0.2
VDDQ/2 + 0.2
V
8, 10
VISO (AC)
Differential Clock AC Middle Level
VDDQ/2 − 0.2
VDDQ/2 + 0.2
V
9, 10


Similar Part No. - TC59LM913AMB-50

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC59LM913AMB-50

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM914AMG TOSHIBA-TC59LM914AMG Datasheet
798Kb / 59P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com