Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3123 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP3123
Description  Photocoupler PHOTORELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3123 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP3123 Datasheet HTML 1Page - Toshiba Semiconductor TLP3123 Datasheet HTML 2Page - Toshiba Semiconductor TLP3123 Datasheet HTML 3Page - Toshiba Semiconductor TLP3123 Datasheet HTML 4Page - Toshiba Semiconductor TLP3123 Datasheet HTML 5Page - Toshiba Semiconductor TLP3123 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP3123
2007-10-01
5
tON,tOFF ─ I F
tON,tOFF ─ Ta
tOFF
tON
Ta = 25
V
= 20 V, R = 200
DD
L
Ω
30
50
35
0.03
0.05
0.3
0.5
110
0.01
0.1
1
tON
tOFF
V
= 20 V, R = 200
I = 5 mA
DD
F
L
Ω
0.03
0.05
0.3
0.5
-20
0
20
40
60
80
100
0.01
0.1
1
Forward current I F (mA)
Ambient temperature Ta (
°C)
I OFF ─ Ta
V
= 40 V
OFF
-20
0
20
40
60
80
100
0.01
0.1
1
10
Ambient temperature Ta (
°C)


Similar Part No. - TLP3123

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
   Measurement Instruments Power Line Control
More results

Similar Description - TLP3123

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP174G TOSHIBA-TLP174G_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4172G TOSHIBA-TLP4172G Datasheet
170Kb / 6P
   Photocoupler Photorelay
TLP192A TOSHIBA-TLP192A Datasheet
134Kb / 6P
   Photocoupler Photorelay
TLP172A TOSHIBA-TLP172A_07 Datasheet
185Kb / 7P
   Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G_07 Datasheet
177Kb / 6P
   Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
   TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com