Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74AC05F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74AC05F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC05F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74AC05F Datasheet HTML 1Page - Toshiba Semiconductor TC74AC05F Datasheet HTML 2Page - Toshiba Semiconductor TC74AC05F Datasheet HTML 3Page - Toshiba Semiconductor TC74AC05F Datasheet HTML 4Page - Toshiba Semiconductor TC74AC05F Datasheet HTML 5Page - Toshiba Semiconductor TC74AC05F Datasheet HTML 6Page - Toshiba Semiconductor TC74AC05F Datasheet HTML 7Page - Toshiba Semiconductor TC74AC05F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC74AC05P/F/FN
2007-10-01
3
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dV
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0
5.5
1.50
2.10
3.85
1.50
2.10
3.85
V
Low-level input
voltage
VIL
2.0
3.0
5.5
0.50
0.90
1.65
0.50
0.90
1.65
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH I
OL = 12 mA
IOL = 24 mA
IOL = 75 mA
(Note)
3.0
4.5
5.5
0.36
0.36
0.44
0.44
1.65
V
3-state output
off-state current
IOZ
VIN = VIL
VOUT = VCC
5.5
±0.5
±5.0
μA
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA
Note:
This spec indicates the capability of driving 50
Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.


Similar Part No. - TC74AC05F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC05F TOSHIBA-TC74AC05F Datasheet
242Kb / 6P
   HEX INVERTER
TC74AC05FN TOSHIBA-TC74AC05FN Datasheet
242Kb / 6P
   HEX INVERTER
TC74AC05F TOSHIBA-TC74AC05F_12 Datasheet
245Kb / 7P
   Hex Inverter (open drain)
More results

Similar Description - TC74AC05F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC05AP TOSHIBA-TC74HC05AP_07 Datasheet
225Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
TC7SZ05F TOSHIBA-TC7SZ05F_05 Datasheet
197Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Inverter (Open Drain)
logo
KEC(Korea Electronics)
KIC7SZ05FU KEC-KIC7SZ05FU Datasheet
225Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER OPEN DRAIN)
logo
Toshiba Semiconductor
TC74HC07AP TOSHIBA-TC74HC07AP_07 Datasheet
224Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Buffer (open drain)
TC7SZ07AFE TOSHIBA-TC7SZ07AFE Datasheet
202Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic NON-Inverter (Open Drain)
TC74AC04P TOSHIBA-TC74AC04P_07 Datasheet
252Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74HC04AP TOSHIBA-TC74HC04AP_07 Datasheet
255Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74AC14F TOSHIBA-TC74AC14F_07 Datasheet
264Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74ACT14F TOSHIBA-TC74ACT14F_07 Datasheet
262Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74HC14AP TOSHIBA-TC74HC14AP_07 Datasheet
268Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com