Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3250 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3250
Description  Logic IC Testers / Memory Testers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3250 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3250 Datasheet HTML 1Page - Toshiba Semiconductor TLP3250 Datasheet HTML 2Page - Toshiba Semiconductor TLP3250 Datasheet HTML 3Page - Toshiba Semiconductor TLP3250 Datasheet HTML 4Page - Toshiba Semiconductor TLP3250 Datasheet HTML 5Page - Toshiba Semiconductor TLP3250 Datasheet HTML 6Page - Toshiba Semiconductor TLP3250 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP3250
2007-10-01
1
TOSHIBA Photocoupler PHOTORELAY
TLP3250
Measurement Instruments
Logic IC Testers / Memory Testers
Board Testers / Scanners
The TOSHIBA TLP3250 is a super small-outline photorelay, suitable for
surface-mount assembly. The TLP3250 consists of a GaAℓAs
infrared-emitting diode optically coupled to a photo-MOS FET and
housed in a 4-pin package.
Its characteristics also include low OFF-state current and low output pin
capacitance, enabling it to be used in high-frequency measuring
instruments.
Features
• 4 pin SSOP (SSOP4)
: 1.8 mm high, 1.27 mm pitch
• 1-Form-A
• Peak off-state voltage
: 20 V (Min.)
• Trigger LED current
: 3 mA (Max.)
• On-state current
: 200 mA (Max.)
• On-state resistance
: 5Ω(Max.), 3Ω(Typ.)
• Output capacitance
: 1.1 pF (Max.), 0.8 pF (Typ.)
• Isolation voltage
: 1500 Vrms (Min.)
Pin configuration (top view)
1 : Anode
2 : Cathode
3 : Drain
4 : Drain
1
2
4
3
Schematic
Unit: mm
4.2
3.65
0.2
0.2
3.8
(0.3)
φ
1.4
(0.46)
2.04
1.27
1.9
Enlarged drawing is shown on page 4.
JEDEC
JEITA
TOSHIBA
11-2B1
Weight: 0.03 g (Typ.)
1
2
4
3


Similar Part No. - TLP3250

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3250 TOSHIBA-TLP3250_14 Datasheet
281Kb / 7P
   Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results

Similar Description - TLP3250

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3216 TOSHIBA-TLP3216 Datasheet
249Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3230 TOSHIBA-TLP3230_07 Datasheet
249Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3114 TOSHIBA-TLP3114_07 Datasheet
176Kb / 6P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3215 TOSHIBA-TLP3215 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3241 TOSHIBA-TLP3241 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
TLP3231 TOSHIBA-TLP3231 Datasheet
247Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3240 TOSHIBA-TLP3240 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
TLP3113 TOSHIBA-TLP3113_07 Datasheet
176Kb / 6P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3114 TOSHIBA-TLP3114 Datasheet
73Kb / 4P
   Logic IC Testers/memory Testers Board Testers/Scanners
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com