Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM15RSH120 Datasheet(PDF) 8 Page - Powerex Power Semiconductors

Part # PM15RSH120
Description  Intellimod??Module Three Phase Brake IGBT Inverter Output (15 Amperes/1200 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM15RSH120 Datasheet(HTML) 8 Page - Powerex Power Semiconductors

  PM15RSH120 Datasheet HTML 1Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 2Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 3Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 4Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 5Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 6Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 7Page - Powerex Power Semiconductors PM15RSH120 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PM15RSH120
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
15 Amperes/1200 Volts
592
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Brake Part
0
2
4
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
02
10
46
8
VD = 15V
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
1
5
3
01
2
0
2
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
3
4
6
10
4
VD = 17V
15
Tj = 25
oC
VCIN = 0V
8
13
0
0.5
1.0
DIODE FORWARD CHARACTERISTICS
DIODE FORWARD VOLTAGE, VF, (VOLTS)
1.5
3.0
2.0
0
100
101
102
VD = 15V
Tj = 25
oC
Tj = 125
oC
2.5
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT)
101
10-1
100
101
100
10-1
10-2
10-3
SINGLE PULSE
STANDARD VALUE = Rth(j-c)Q = 3.0
oC/W
10-2
10-3
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(FWDi)
101
10-1
100
101
100
10-1
10-2
10-3
SINGLE PULSE
STANDARD VALUE = Rth(j-c)D = 5.5
oC/W
10-2
10-3
0
2
4
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
012
14
16
18
20
1
3
5
Tj = 25
oC
VCIN = 0V
IC = 10A


Similar Part No. - PM15RSH120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM15RSH120 MITSUBISHI-PM15RSH120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM15RSH120 MITSUBISHI-PM15RSH120 Datasheet
80Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM15RSH120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM150RSD120 POWEREX-PM150RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/1200 Volts)
PM25RSB120 POWEREX-PM25RSB120 Datasheet
101Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RSK120 POWEREX-PM25RSK120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM50RSD120 POWEREX-PM50RSD120 Datasheet
122Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM50RVA120 POWEREX-PM50RVA120 Datasheet
86Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM75RSD120 POWEREX-PM75RSD120 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/1200 Volts)
PM10RSH120 POWEREX-PM10RSH120 Datasheet
100Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (10 Amperes/1200 Volts)
PM100RSD120 POWEREX-PM100RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
PM50RSA120 POWEREX-PM50RSA120 Datasheet
102Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM75CSA120 POWEREX-PM75CSA120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com