Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP4597G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP4597G
Description  PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4597G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP4597G Datasheet HTML 1Page - Toshiba Semiconductor TLP4597G Datasheet HTML 2Page - Toshiba Semiconductor TLP4597G Datasheet HTML 3Page - Toshiba Semiconductor TLP4597G Datasheet HTML 4Page - Toshiba Semiconductor TLP4597G Datasheet HTML 5Page - Toshiba Semiconductor TLP4597G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP4597G
2007-10-01
1
TOSHIBA Photocoupler Photorelay
TLP4597G
PBX
Telecommunication
Modem・FAX Cards, Modems In PC
Measurement Instrumentation
The TOSHIBA TLP4597G consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOSFET in a six
lead plastic DIP package (DIP6).
The TLP4597G is a bi-directional switch can replace mechanical relays
in many applications.
• 6 pin DIP (DIP6)
• 1-form-B
• Peak off-state voltage: 350 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 150 mA (max)
• On-state resistance: 25 Ω (max)
• Isolation voltage: 2500 Vrms (min)
• UL recognized: UL1577, File No. E67349
Pin Configuration (top view)
Schematic
Unit: mm
JEDEC
JEITA
TOSHIBA
11-7A8
Weight: 0.4 g (typ.)
1
3
6
4
1: ANODE
2: CATHODE
4: DRAIN D1
5: SOURCE
6: DRAIN D2
2
5
1
6
4
2
5


Similar Part No. - TLP4597G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
   TOSHIBA Photocoupler Photorelay
More results

Similar Description - TLP4597G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4176G TOSHIBA-TLP4176G Datasheet
178Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4197G TOSHIBA-TLP4197G_07 Datasheet
183Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G_07 Datasheet
179Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4227G TOSHIBA-TLP4227G_14 Datasheet
253Kb / 6P
   PBX Telecommunication Modem節쩎AX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP4227G TOSHIBA-TLP4227G Datasheet
186Kb / 6P
   TOSHIBA Photocoupler Photorelay, PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP170J TOSHIBA-TLP170J Datasheet
225Kb / 6P
   Modem - Fax Cards, Modems in PC
TLP200D TOSHIBA-TLP200D_14 Datasheet
380Kb / 6P
   PBX Modem - Fax Card Measurement Instrument
TLP206G TOSHIBA-TLP206G_14 Datasheet
201Kb / 6P
   PBX Modem-FAX Card Measurement Instrument
TLP176G TOSHIBA-TLP176G_14 Datasheet
217Kb / 7P
   Modems In PC Modem?묯ax Cards Telecommunications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com