Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74AC390F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74AC390F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC390F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74AC390F Datasheet HTML 1Page - Toshiba Semiconductor TC74AC390F Datasheet HTML 2Page - Toshiba Semiconductor TC74AC390F Datasheet HTML 3Page - Toshiba Semiconductor TC74AC390F Datasheet HTML 4Page - Toshiba Semiconductor TC74AC390F Datasheet HTML 5Page - Toshiba Semiconductor TC74AC390F Datasheet HTML 6Page - Toshiba Semiconductor TC74AC390F Datasheet HTML 7Page - Toshiba Semiconductor TC74AC390F Datasheet HTML 8Page - Toshiba Semiconductor TC74AC390F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74AC390P/F/FN
2007-10-01
5
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0
5.5
1.50
2.10
3.85
1.50
2.10
3.85
V
Low-level input
voltage
VIL
2.0
3.0
5.5
0.50
0.90
1.65
0.50
0.90
1.65
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −24 mA
IOH = −75 mA
(Note)
3.0
4.5
5.5
2.58
3.94
2.48
3.80
3.85
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 12 mA
IOL = 24 mA
IOL = 75 mA
(Note)
3.0
4.5
5.5
0.36
0.36
0.44
0.44
1.65
V
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
8.0
80.0
μA
Note:
This spec indicates the capability of driving 50
Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta
=
25°C
Ta
=
−40 to
85°C
Characteristics
Symbol
VCC (V)
Limit
Limit
Unit
Minimum pulse width
(
CKA , CKB )
tW (H)
tW (L)
3.3
± 0.3
5.0
± 0.5
7.0
5.0
7.0
5.0
ns
Minimum pulse width
(CLR)
tW (H)
3.3
± 0.3
5.0
± 0.5
7.0
5.0
7.0
5.0
ns
Minimum removal time
trem
3.3
± 0.3
5.0
± 0.5
7.0
3.5
7.0
3.5
ns


Similar Part No. - TC74AC390F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC390FN TOSHIBA-TC74AC390FN Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74AC390F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC390AP TOSHIBA-TC74HC390AP_07 Datasheet
409Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter
TC74HC4017AP TOSHIBA-TC74HC4017AP_07 Datasheet
346Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Decade Counter/Divider
TC74HC393AP TOSHIBA-TC74HC393AP_07 Datasheet
324Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74AC393F TOSHIBA-TC74AC393F_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4024AP TOSHIBA-TC74HC4024AP_07 Datasheet
269Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 7-Stage Binary Counter
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com