Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74AC393FN Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74AC393FN
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC393FN Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74AC393FN Datasheet HTML 1Page - Toshiba Semiconductor TC74AC393FN Datasheet HTML 2Page - Toshiba Semiconductor TC74AC393FN Datasheet HTML 3Page - Toshiba Semiconductor TC74AC393FN Datasheet HTML 4Page - Toshiba Semiconductor TC74AC393FN Datasheet HTML 5Page - Toshiba Semiconductor TC74AC393FN Datasheet HTML 6Page - Toshiba Semiconductor TC74AC393FN Datasheet HTML 7Page - Toshiba Semiconductor TC74AC393FN Datasheet HTML 8Page - Toshiba Semiconductor TC74AC393FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74AC393P/F/FN/FT
2007-10-01
5
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
(
QA
-
CK
)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
8.0
5.0
13.2
8.3
1.0
1.0
15.0
9.5
ns
Propagation delay
time
(
QB
-
CK
)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
10.1
5.9
16.7
10.5
1.0
1.0
19.0
12.0
ns
Propagation delay
time
(
QC
-
CK
)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
12.0
6.8
20.2
12.3
1.0
1.0
23.0
14.0
ns
Propagation delay
time
(
QD
-
CK
)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
13.0
7.5
23.0
13.2
1.0
1.0
26.0
15.0
ns
Propagation delay
time
(CLR-Qn)
tpHL
3.3 ± 0.3
5.0 ± 0.5
8.0
5.1
13.2
8.8
1.0
1.0
15.0
10.0
ns
Maximum clock
frequency
fmax
3.3 ± 0.3
5.0 ± 0.5
65
100
125
160
65
100
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
36
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/2 (per counter)


Similar Part No. - TC74AC393FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC393FN TOSHIBA-TC74AC393FN Datasheet
298Kb / 7P
   DUAL BINARY COUNTER
More results

Similar Description - TC74AC393FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC393AP TOSHIBA-TC74HC393AP_07 Datasheet
324Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74HC4024AP TOSHIBA-TC74HC4024AP_07 Datasheet
269Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 7-Stage Binary Counter
TC74HC4060AP TOSHIBA-TC74HC4060AP_07 Datasheet
385Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 14-Stage Binary Counter/Oscillator
TC74HC390AP TOSHIBA-TC74HC390AP_07 Datasheet
409Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter
TC74AC390F TOSHIBA-TC74AC390F_07 Datasheet
401Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter
TC74ACT161P TOSHIBA-TC74ACT161P_07 Datasheet
654Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Synchronous Presettable 4-Bit Binary Counter
TC74HC592AP TOSHIBA-TC74HC592AP_07 Datasheet
575Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8 Bit Binary Counter with Input Register
TC74HC4017AP TOSHIBA-TC74HC4017AP_07 Datasheet
346Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Decade Counter/Divider
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC590AP TOSHIBA-TC74HC590AP_07 Datasheet
530Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Binary Counter/Register with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com