Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM200RSD060 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PM200RSD060
Description  Intellimod??Module Three Phase Brake IGBT Inverter Output (200 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM200RSD060 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PM200RSD060 Datasheet HTML 1Page - Powerex Power Semiconductors PM200RSD060 Datasheet HTML 2Page - Powerex Power Semiconductors PM200RSD060 Datasheet HTML 3Page - Powerex Power Semiconductors PM200RSD060 Datasheet HTML 4Page - Powerex Power Semiconductors PM200RSD060 Datasheet HTML 5Page - Powerex Power Semiconductors PM200RSD060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Three Phase + Brake
IGBT Inverter Output
200 Amperes/600 Volts
PM200RSD060
1
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free-wheel diode
power devices.
Features:
□ Complete Output Power
Circuit
□ Gate Drive Circuit
□ Protection Logic
– Short Circuit
–Over Current
–Over Temperature
– Under Voltage
□ Low Loss Using 4th Generation
IGBT Chip
Applications:
□ Inverters
□ UPS
□ Motion/Servo Control
□ Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM200RSD060 is a 600V,
200 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
200
60
Dimensions
Inches
Millimeters
A
5.31±0.04
135.0±1.0
B
4.74±0.02
120.5±0.5
C
4.33±0.04
110.0±1.0
D
4.27
10.5
E
3.76±0.02
95.5±0.5
F
3.29
83.5
G
2.01
51.0
H
1.602
40.68
J
1.56
39.5
K
1.37
34.7
L
1.33
33.7
M
1.02
26.0
N
0.95 +0.06/-0.0 24.1 +1.5/-0.0
P
0.85
21.5
Q
0.79
20.0
R
0.780
19.82
Dimensions
Inches
Millimeters
S
0.69
17.5
T
0.65
16.5
U
0.52
13.2
V
0.43
11.0
W
0.39
10.0
X
0.30
7.7
Y
0.285
7.25
Z
0.24
6.0
AA
0.22 Dia.
Dia. 5.5
AD
Metric M5
M5
AC
0.128
3.22
AD
0.10
2.6
AE
0.08
2.0
AF
0.07
1.8
AG
0.06
1.6
AH
0.02
0.5
Outline Drawing and Circuit Diagram
TEMP
P
U
V
W
N
B
1.
2.
3.
4.
5.
6.
7.
8.
9.
V
V
V
V
V
V
V
10.
11.
12.
13.
14.
15.
16.
U
U
VV
W
W
WPC
UPI
VPI
WPI
NC
NI
P
N
P
P
N
N
UPC
FO
V VPC
17.
18.
19.
Br
O
WF
O
VF
O
UF
AC
R
B
A
Y
Y
C
E
V
F
63
MM
W
M
M
S
Z
D
Z
J
Q
Q
T
H
AC
W
W
W
AH
AH
G
10
12
V
W
U
Z
Y
Z
Y
AB - THD
(6 TYP.)
AA - DIA.
(4 TYP.)
3
AE (15 TYP.)
45 6 7 8
9 11
12
14 16 18
13 15 17 19
P
AF
AG
X
AD
N
L
K
U
2.54 MM DIA. (2 TYP.)
0.5 MM SQ. PIN
(19 TYP.)
TC Measured
Point


Similar Part No. - PM200RSD060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200RSD060 MITSUBISHI-PM200RSD060 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200RSD060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM200RSA060 POWEREX-PM200RSA060 Datasheet
82Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (200 Amperes/600 Volts)
PM150RSA060 POWEREX-PM150RSA060 Datasheet
89Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/600 Volts)
PM75RSA060 POWEREX-PM75RSA060 Datasheet
103Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSK060 POWEREX-PM75RSK060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSD060 POWEREX-PM75RSD060 Datasheet
90Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM50RSA060 POWEREX-PM50RSA060 Datasheet
104Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/600 Volts)
PM200CSA060 POWEREX-PM200CSA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM200CVA060 POWEREX-PM200CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM75RVA060 POWEREX-PM75RVA060 Datasheet
87Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM30RSF060 POWEREX-PM30RSF060 Datasheet
96Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (30 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com