Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM20CSJ060 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PM20CSJ060
Description  Intellimod??Module Three Phase IGBT Inverter Output (20 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM20CSJ060 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PM20CSJ060 Datasheet HTML 1Page - Powerex Power Semiconductors PM20CSJ060 Datasheet HTML 2Page - Powerex Power Semiconductors PM20CSJ060 Datasheet HTML 3Page - Powerex Power Semiconductors PM20CSJ060 Datasheet HTML 4Page - Powerex Power Semiconductors PM20CSJ060 Datasheet HTML 5Page - Powerex Power Semiconductors PM20CSJ060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
473
PM20CSJ060
Intellimod™ Module
Three Phase IGBT Inverter Output
20 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
00
1
2
3
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
05
25
10
15
20
VD = 15V
Tj = 25
oC
Tj = 125
oC
1
2
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
14
16
18
20
IC = 20A
Tj = 25
oC
Tj = 125
oC
3
0
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS)
01
2
0
3
10
20
30
40
Tj = 25
oC
VD = 17V
15 13
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
ton
100
101
toff
VCC = 300V
VD = 15V
Tj = 25
oC
Tj = 125
oC
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
tc(on)
100
101
tc(off)
VCC = 300V
VD = 15V
Tj = 25
oC
Tj = 125
oC
100
101
102
100
COLLECTOR CURRENT, IC, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
101
102
VCC = 300V
VD = 15V
Tj = 25
oC
Tj = 125
oC
00
1.5
3.0
100
00
DIODE FORWARD VOLTAGE, VF, (VOLTS)
DIODE FORWARD CHARACTERISTICS
101
102
1.0
2.0
2.5
Tj = 25
oC
Tj = 125
oC
VD = 15V
70
80
90
100
110
OVER CURRENT TRIP LEVEL VS.
SUPPLY VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
12
14
16
18
20
Tj = 25
oC
80
90
120
OVER CURRENT TRIP LEVEL
TEMPERATURE DEPENDENCY (TYPICAL)
JUNCTION TEMPERATURE, Tj, (
oC)
0
50
100
150
-50
VD = 15V
110
100


Similar Part No. - PM20CSJ060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM20CSJ060 MITSUBISHI-PM20CSJ060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM20CSJ060 MITSUBISHI-PM20CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM20CSJ060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100CVA060 POWEREX-PM100CVA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
PM150CVA060 POWEREX-PM150CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM30CSJ060 POWEREX-PM30CSJ060 Datasheet
66Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (30 Amperes/600 Volts)
PM200CVA060 POWEREX-PM200CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM10CSJ060 POWEREX-PM10CSJ060 Datasheet
66Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (10 Amperes/600 Volts)
PM200CSA060 POWEREX-PM200CSA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM75CSD060 POWEREX-PM75CSD060 Datasheet
83Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/600 Volts)
PM300CSD060 POWEREX-PM300CSD060 Datasheet
94Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (300 Amperes/600 Volts)
PM300CVA060 POWEREX-PM300CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (300 Amperes/600 Volts)
PM50CSD060 POWEREX-PM50CSD060 Datasheet
83Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (50 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com