Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM25RSB120 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # PM25RSB120
Description  Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM25RSB120 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  PM25RSB120 Datasheet HTML 1Page - Powerex Power Semiconductors PM25RSB120 Datasheet HTML 2Page - Powerex Power Semiconductors PM25RSB120 Datasheet HTML 3Page - Powerex Power Semiconductors PM25RSB120 Datasheet HTML 4Page - Powerex Power Semiconductors PM25RSB120 Datasheet HTML 5Page - Powerex Power Semiconductors PM25RSB120 Datasheet HTML 6Page - Powerex Power Semiconductors PM25RSB120 Datasheet HTML 7Page - Powerex Power Semiconductors PM25RSB120 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PM25RSB120
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
25 Amperes/1200 Volts
598
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Inverter Part
0
1.0
2.0
3.0
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
030
20
2.5
1.5
0.5
VD = 15V
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
10
0
1.0
0
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
2.0
10
20
30
Tj = 25
oC
VCIN = 0V
VD = 17V
13
25
15
5
0.5
1.5
3.0
2.5
15
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
ton
100
101
toff
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
100
101
102
10-2
EMITTER CURRENT, IE, (AMPERES)
REVERSE RECOVERY CURRENT VS.
EMITTER CURRENT (TYPICAL)
10-1
101
10-1
100
102
trr
100
101
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
Irr
0.4
0.8
1.2
100
101
102
DIODE FORWARD VOLTAGE, VF, (VOLTS)
1.6
2.8
2.0
VD = 15V
Tj = 25
oC
Tj = 125
oC
2.4
DIODE FORWARD CHARACTERISTICS
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
tc(on)
100
101
tc(off)
VCC = 600V
VD = 15V
Tj = 25
oC
Tj = 125
oC
0
1.0
2.0
3.0
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
012
14
16
18
20
IC = 25A
VCIN = 0V
T
Tj = 25
oC
Tj = 125
oC
2.5
1.5
0.5
60
80
100
120
140
OVER CURRENT TRIP LEVEL VS.
SUPPLY VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
012
14
16
18
20
Tj = 25
oC
00
60
80
100
120
140
OVER CURRENT TRIP LEVEL VS.
TEMPERATURE (TYPICAL)
JUNCTION TEMPERATURE, Tj, (
oC)
-50
0
50
100
150
VD = 15V


Similar Part No. - PM25RSB120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM25RSB120 MITSUBISHI-PM25RSB120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM25RSB120 MITSUBISHI-PM25RSB120 Datasheet
82Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM25RSB120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM25RSK120 POWEREX-PM25RSK120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM150RSD120 POWEREX-PM150RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/1200 Volts)
PM15RSH120 POWEREX-PM15RSH120 Datasheet
99Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (15 Amperes/1200 Volts)
PM50RSD120 POWEREX-PM50RSD120 Datasheet
122Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM50RVA120 POWEREX-PM50RVA120 Datasheet
86Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM75RSD120 POWEREX-PM75RSD120 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/1200 Volts)
PM10RSH120 POWEREX-PM10RSH120 Datasheet
100Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (10 Amperes/1200 Volts)
PM100RSD120 POWEREX-PM100RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
PM50RSA120 POWEREX-PM50RSA120 Datasheet
102Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM25RL1C120 POWEREX-PM25RL1C120 Datasheet
387Kb / 4P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com