Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP798GA Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP798GA
Description  Measurement Instrumentation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP798GA Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP798GA Datasheet HTML 1Page - Toshiba Semiconductor TLP798GA Datasheet HTML 2Page - Toshiba Semiconductor TLP798GA Datasheet HTML 3Page - Toshiba Semiconductor TLP798GA Datasheet HTML 4Page - Toshiba Semiconductor TLP798GA Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLP798GA
2007-10-01
1
TOSHIBA Photocoupler Photo Relay
TLP798GA
Telecommunication
Data Acquisition
Measurement Instrumentation
The TOSHIBA TLP798GA consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo−MOS FET in a six
lead plastic DIP package (DIP6).
The TLP798GA is a bi-directional switch which can replace mechanical
relays in many applications.
• Peak off−state voltage: 400 V (min.)
• On−state current: 150 mA (max.) (A connection)
• On−state resistance: 12 Ω (max.) (A connection)
• Isolation voltage: 5000 Vrms (min.) (A connection)
• Isolation Thickness: 0.4 mm (min.)
Unit in mm
TOSHIBA
11−7A8
Weight: 0.4 g
Pin Configuration (top view)
1. : ANODE
2. : CATHODE
3. : NC
4. : DRAIN D1
5. : SOURCE
6. : DRAIN D2
1
3
6
4
2
5
Schematic
2
1
6
5
4


Similar Part No. - TLP798GA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP798GA TOSHIBA-TLP798GA_14 Datasheet
181Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
More results

Similar Description - TLP798GA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
   Measurement Instrumentation
TLP597A TOSHIBA-TLP597A_07 Datasheet
159Kb / 6P
   MEASUREMENT INSTRUMENTATION
TLP206GA TOSHIBA-TLP206GA Datasheet
180Kb / 6P
   Measurement Instrumentation
TLP197G TOSHIBA-TLP197G_07 Datasheet
181Kb / 6P
   Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_14 Datasheet
181Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP599A TOSHIBA-TLP599A Datasheet
143Kb / 5P
   Telecommunication Data Acquisit Measurement Instrumentation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com