Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WB66FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7WB66FK
Description  Dual Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WB66FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7WB66FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WB66FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WB66FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WB66FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WB66FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WB66FK Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7WB66FK
2007-10-19
2
Truth Table
Inputs
OE
Function
H
A port
= B port
L
Disconnect
System Diagram
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5~7.0
V
Control pin input voltage
VIN
−0.5~7.0
V
Switch terminal I/O voltage
VS
−0.5~VCC + 0.5
V
Control input pin
−50
Clump diode
current
Switch terminal
IIK
±50
mA
Switch I/O current
IS
128
mA
Power dissipation
PD
200
mW
DC VCC/GND current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65~150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
2.0~5.5
V
Control pin input voltage
VIN
0~5.5
V
Switch I/O voltage
VS
0~VCC
V
Operating temperature
Topr
−40~85
°C
Control pin input rise/fall time
dt/dv
0~10
ns/V
Note: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
A1
OE1
B1
A2
OE2
B2


Similar Part No. - TC7WB66FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WB66FK TOSHIBA-TC7WB66FK Datasheet
105Kb / 6P
   Dual Bus Switch
More results

Similar Description - TC7WB66FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WB125FK TOSHIBA-TC7WB125FK_07 Datasheet
164Kb / 6P
   Dual Bus Switch
logo
Nexperia B.V. All right...
CBT3306-Q100 NEXPERIA-CBT3306-Q100 Datasheet
186Kb / 9P
   Dual bus switch
CBT3306 NEXPERIA-CBT3306 Datasheet
208Kb / 11P
   Dual bus switch
Rev. 9 - 18 March 2021
logo
NXP Semiconductors
CBT3306 PHILIPS-CBT3306 Datasheet
74Kb / 8P
   Dual bus switch
2001 Nov 08
logo
Toshiba Semiconductor
TC7WB126FK TOSHIBA-TC7WB126FK_07 Datasheet
163Kb / 6P
   Dual Bus Switch
TC7WB66FK TOSHIBA-TC7WB66FK Datasheet
105Kb / 6P
   Dual Bus Switch
logo
Texas Instruments
SN74CB3T3306 TI1-SN74CB3T3306_16 Datasheet
903Kb / 19P
[Old version datasheet]   Dual FET Bus Switch
SN74CBT3306 TI-SN74CBT3306 Datasheet
62Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH
SN74CBT3306 TI-SN74CBT3306_07 Datasheet
230Kb / 11P
[Old version datasheet]   DUAL FET BUS SWITCH
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306 Datasheet
250Kb / 4P
   DUAL FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com