Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC27AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC27AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC27AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC27AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC27AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC27AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC27AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC27AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC27AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC27AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC27AP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74HC27AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC27AP,TC74HC27AF,TC74HC27AFN
Triple 3-Input NOR Gate
The TC74HC27A is a high speed CMOS 3-INPUT NOR GATE
fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The internal circuit is composed of 3 stages including buffer
output, which provide high noise immunity and stable output.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 7 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 1 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS27
Pin Assignment
IEC Logic Symbol
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC27AP
TC74HC27AF
TC74HC27AFN
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)


Similar Part No. - TC74HC27AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC27AP TOSHIBA-TC74HC27AP Datasheet
241Kb / 6P
   TRIPLE 3 INPUT NOR GATE
More results

Similar Description - TC74HC27AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC11AF TOSHIBA-TC74HC11AF_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input AND Gate
TC74HC10AP TOSHIBA-TC74HC10AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NAND Gate
TC74HC4075AP TOSHIBA-TC74HC4075AP_07 Datasheet
221Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input OR Gate
TC74AC10P TOSHIBA-TC74AC10P_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NAND Gate
TC74AC11P TOSHIBA-TC74AC11P_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input AND Gate
logo
KEC(Korea Electronics)
KIC7S02FU KEC-KIC7S02FU Datasheet
260Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7SZ02FU KEC-KIC7SZ02FU Datasheet
209Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
logo
Toshiba Semiconductor
TC7WG02FU TOSHIBA-TC7WG02FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC74ACT02P TOSHIBA-TC74ACT02P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com