Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7WB126FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7WB126FK
Description  Dual Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WB126FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7WB126FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WB126FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WB126FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WB126FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WB126FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WB126FK Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7WB126FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WB126FK
Dual Bus Switch
The TC7WB126FK is a low on-resistance, high-speed CMOS
dual-bit bus switch. This bus switch allows the connections or
disconnections to be made with minimal propagation delay while
maintaining Low power dissipation which is the feature of
CMOS.
When output enable (OE) is at High level, the switch is on;
when at Low level, the switch is off.
All inputs are equipped with protector circuits to protect the
device from static discharge.
Features
• Operating voltage: VCC = 4.5~5.5 V
• High speed operation: tpd = 0.25 ns (max)
• Ultra-low on resistance: RON = 5 Ω (typ.)
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• TTL level input (control input)
• Package: US8
Pin Assignment (top view)
Weight: 0.01 g (typ.)
VCC
8
B1
A2
7
6
5
1
2
3
4
GND
A1
B2
W B
1 2 6
OE2
OE1


Similar Part No. - TC7WB126FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7WB126FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WB125FK TOSHIBA-TC7WB125FK_07 Datasheet
164Kb / 6P
   Dual Bus Switch
logo
Nexperia B.V. All right...
CBT3306-Q100 NEXPERIA-CBT3306-Q100 Datasheet
186Kb / 9P
   Dual bus switch
logo
Toshiba Semiconductor
TC7WB66FK TOSHIBA-TC7WB66FK_07 Datasheet
165Kb / 6P
   Dual Bus Switch
logo
Nexperia B.V. All right...
CBT3306 NEXPERIA-CBT3306 Datasheet
208Kb / 11P
   Dual bus switch
Rev. 9 - 18 March 2021
logo
NXP Semiconductors
CBT3306 PHILIPS-CBT3306 Datasheet
74Kb / 8P
   Dual bus switch
2001 Nov 08
logo
Toshiba Semiconductor
TC7WB66FK TOSHIBA-TC7WB66FK Datasheet
105Kb / 6P
   Dual Bus Switch
logo
Texas Instruments
SN74CB3T3306 TI1-SN74CB3T3306_16 Datasheet
903Kb / 19P
[Old version datasheet]   Dual FET Bus Switch
SN74CBT3306 TI-SN74CBT3306 Datasheet
62Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH
SN74CBT3306 TI-SN74CBT3306_07 Datasheet
230Kb / 11P
[Old version datasheet]   DUAL FET BUS SWITCH
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306 Datasheet
250Kb / 4P
   DUAL FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com