Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50CBS060 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PM50CBS060
Description  Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (50 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM50CBS060 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PM50CBS060 Datasheet HTML 1Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 2Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 3Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 4Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 5Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PM50CBS060
Intellimod™ Module
MAXISS Series™, Multi AXIS Servo IPM
50 Amperes/600 Volts
4
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c´)Q
Each IGBT*
——
0.82**
°C/Watt
Rth(j-c´)F
Each FWDi*
——
1.51**
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module,
——
0.046
°C/Watt
Thermal Grease Applied
*TC measured point is just under the chips.
**If you use this value, Rth(f-a) should be mesured just under the chips.
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across P-N Terminals
≤ 400
Volts
Control Supply Voltage***
VD
Applied between VUP1-VUPC,
15
± 1.5
Volts
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Input ON Voltage
VCIN(on)
Applied between UP-VUPC, VP-VVPC,
≤ 0.8
Volts
Input OFF Voltage
VCIN(off)
WP-VWPC, UN, VN, WN-VNC
≥ 4.0
Volts
PWM Input Frequency
fPWM
Using Application Circuit
≤ 20
kHz
Minimum Dead Time
tDEAD
Input Signal
≥ 2.5
µS
***With ripple satisfying the following conditions: dv/dt
≤ ±5v/µs, Variation ≤ 2V peak to peak.


Similar Part No. - PM50CBS060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CBS060 MITSUBISHI-PM50CBS060 Datasheet
118Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50CBS060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM300CBS060 POWEREX-PM300CBS060 Datasheet
95Kb / 6P
   Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (300 Amperes/600 Volts)
PM200CBS060 POWEREX-PM200CBS060 Datasheet
94Kb / 6P
   Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (200 Amperes/600 Volts)
PM150CBS060 POWEREX-PM150CBS060 Datasheet
95Kb / 6P
   Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (150 Amperes/600 Volts)
PM75CBS060 POWEREX-PM75CBS060 Datasheet
94Kb / 6P
   Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (75 Amperes/600 Volts)
PM100CBS060 POWEREX-PM100CBS060 Datasheet
95Kb / 6P
   IntellimodModule MAXISS Series??Multi AXIS Servo IPM (100 Amperes/600 Volts)
PS11037 POWEREX-PS11037 Datasheet
89Kb / 6P
   Intellimod??Module Application Specific IPM (50 Amperes/600 Volts)
PS11033 POWEREX-PS11033 Datasheet
82Kb / 6P
   Intellimod??Module Application Specific IPM (8 Amperes/600 Volts)
PM52AUBW060 POWEREX-PM52AUBW060 Datasheet
85Kb / 6P
   Intellimod Module Active Filter IPM 20 Amperes/600 Volts
PS11032 POWEREX-PS11032 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (4 Amperes/600 Volts)
PS11035 POWEREX-PS11035 Datasheet
83Kb / 6P
   Intellimod??Module Application Specific IPM (20 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com