Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP222G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP222G
Description  Cordless Telephones
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP222G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP222G_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP222G_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP222G_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP222G_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP222G_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP222G_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP222G,TLP222G-2
2007-10-01
1
TOSHIBA Photocoupler Photorelay
TLP222G, TLP222G-2
Cordless Telephones
PBX
Modems
The Toshiba TLP222G series consist of a gallium arsenide infrared
emitting diode optically coupled to a photo-MOSFET in a DIP package.
The TLP222G series are a bi-directional switch, which can replace
mechanical relays in many applications.
• TLP222G: 4-pin DIP (DIP4), 1-channel type (1-form-A)
• TLP222G-2: 8-pin DIP (DIP8), 2-channel type (2-form-A)
• Peak Off-state voltage: 350 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 120 mA (max)
• On-state resistance: 35 Ω (max, t < 1 s)
• On-state resistance: 50 Ω (max, continuous)
• Isolation voltage: 2500 Vrms (min)
• BSI approved: BS EN60065:2002, certificate no.8773
BS EN60950-1:2002, certificate no.8774
Pin Configuration (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
11-5B2
Weight: 0.26 g (typ.)
JEDEC
JEITA
TOSHIBA
11-10C4
Weight: 0.54 g (typ.)
1
2
4
3
1: Anode
2: Cathode
3: Drain
4: Drain
TLP222G
1
2
8
7
1, 3 : Anode
2, 4 : Cathode
5
: Drain D1
6
: Drain D2
7
: Drain D3
8
: Drain D4
3
4
6
5
TLP222G-2


Similar Part No. - TLP222G_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP222G-2 TOSHIBA-TLP222G-2 Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
TLP222G-2 TOSHIBA-TLP222G-2 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
More results

Similar Description - TLP222G_07

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
List of Unclassifed Man...
MX118P ETC1-MX118P Datasheet
362Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
Asahi Kasei Microsystem...
AK2368 AKM-AK2368 Datasheet
800Kb / 25P
   BASE-BAND LSI FOR CORDLESS TELEPHONES
logo
CML Microcircuits
FX118 CMLMICRO-FX118 Datasheet
120Kb / 7P
   Duplex Frequency Inverter for Cordless Telephones
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
   Low-voltage Compander IC for Cordless Telephones
logo
Motorola, Inc
MC145166 MOTOROLA-MC145166 Datasheet
139Kb / 11P
   Dual PLLs for 46/49 Mhz Cordless Telephones
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com