Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC590AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC590AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Binary Counter/Register with 3-State Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC590AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC590AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC590AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74HC590AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC590AP,TC74HC590AF
8-Bit Binary Counter/Register with 3-State Outputs
The TC74HC590A is a high speed CMOS 8-BIT
COUNTER/REGISTER fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to epuivalent
LSTTL while maintaining the CMOS low power dissipation.
The internal counter counts on the positive going edge of
Counter Clock (CCK) when Counter Clock Enable ( CCKEN ) is
low. When Counter Clear ( CCLR ) is low, the internal counter is
cleared asynchronously to the clock.
Data in the internal counter are loaded into the register at
positive going edge of Register Clock (RCK), and the register
outputs are controlled by enable input ( G ).
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 62 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 15 LSTTL loads for QA to QH
10 LSTTL loads for RCO
• Symmetrical output impedance: |IOH| = IOL = 6 mA (min)
For QA to QH
|IOH| = IOL = 4 mA (min)
For RCO
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS590
Pin Assignment
TC74HC590AP
TC74HC590AF
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)


Similar Part No. - TC74HC590AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - TC74HC590AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC592AP TOSHIBA-TC74HC592AP_07 Datasheet
575Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8 Bit Binary Counter with Input Register
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Toshiba Semiconductor
TC74HC595AP TOSHIBA-TC74HC595AP_07 Datasheet
439Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register/Latch (3-state)
TC74HC393AP TOSHIBA-TC74HC393AP_07 Datasheet
324Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74AC393F TOSHIBA-TC74AC393F_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
   8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
   8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com