Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC597AP Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74HC597AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC597AP Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74HC597AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC597AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC597AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC597AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC597AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC597AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC597AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC597AP_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74HC597AP_07 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TC74HC597AP/AF
2007-10-01
8
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
32
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(SCK-QH’)
tpLH
tpHL
2.0
4.5
6.0
78
20
16
145
29
25
180
36
31
ns
Propagation delay
time
( SCLR -QH’)
tpHL
2.0
4.5
6.0
90
24
20
175
35
30
220
44
37
ns
Propagation delay
time
( SLOAD -QH’)
tpLH
tpHL
2.0
4.5
6.0
80
22
18
175
35
30
220
44
37
ns
Propagation delay
time
(RCK-QH’)
tpLH
tpHL
SLOAD
= “L”
2.0
4.5
6.0
112
30
24
210
42
36
265
53
45
ns
Maximum clock
frequency
fmax
2.0
4.5
6.0
6
30
35
12
48
50
5
24
28
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
60
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Similar Part No. - TC74HC597AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP Datasheet
288Kb / 7P
   8-BIT LATCH/SHIFT REGISTER
More results

Similar Description - TC74HC597AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC595AP TOSHIBA-TC74HC595AP_07 Datasheet
439Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register/Latch (3-state)
TC74AC299P TOSHIBA-TC74AC299P_07 Datasheet
425Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronousclear
TC74AC166P TOSHIBA-TC74AC166P_07 Datasheet
503Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (P-IN, S-OUT)
TC74ACT164F TOSHIBA-TC74ACT164F_07 Datasheet
233Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
TC74AC164P TOSHIBA-TC74AC164P_07 Datasheet
295Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
TC74HC4094AP TOSHIBA-TC74HC4094AP_07 Datasheet
498Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift and Store Register (3-state)
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
   8 BIT LATCH/SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
   8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TC74HC597AP TOSHIBA-TC74HC597AP Datasheet
288Kb / 7P
   8-BIT LATCH/SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com