Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC4066AP Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74HC4066AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Quad Bilateral Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4066AP Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74HC4066AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 11Page - Toshiba Semiconductor TC74HC4066AP_07 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TC74HC4066AP/AF/AFN/AFT
2007-10-01
8
4. CIOS, CI/O
5. Crosstalk (between any two switches)
6. Frequency Response (switch on)
VCC
CIOS
GND
VCC
C
O/I
I/O
VIN
VCC
600 Ω
GND
0.1 μF
O/I
I/O
C
VCC
C
O/I
I/O
0.1 μF
GND
VCC
C
O/I
I/O


Similar Part No. - TC74HC4066AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
More results

Similar Description - TC74HC4066AP_07

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7SZ66FU KEC-KIC7SZ66FU Datasheet
408Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(BILATERAL SWITCH)
KIC7S66FU KEC-KIC7S66FU Datasheet
304Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(BILATERAL SWITCH)
KIC7W66FK KEC-KIC7W66FK Datasheet
444Kb / 6P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL BILATERAL SWITCH)
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com