Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3FS-10B4-P1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3FS-10B4-P1
Description  Safety design for category 2. Suitable for detecting human bodies in hazardous area.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FS-10B4-P1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3FS-10B4-P1 Datasheet HTML 1Page - Omron Electronics LLC E3FS-10B4-P1 Datasheet HTML 2Page - Omron Electronics LLC E3FS-10B4-P1 Datasheet HTML 3Page - Omron Electronics LLC E3FS-10B4-P1 Datasheet HTML 4Page - Omron Electronics LLC E3FS-10B4-P1 Datasheet HTML 5Page - Omron Electronics LLC E3FS-10B4-P1 Datasheet HTML 6Page - Omron Electronics LLC E3FS-10B4-P1 Datasheet HTML 7Page - Omron Electronics LLC E3FS-10B4-P1 Datasheet HTML 8Page - Omron Electronics LLC E3FS-10B4-P1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
D-32
Safety Sensors / Components
Ordering Information: type list
DC-Switching Models, plastic
* Other cable lengths available by special order
DC-Switching Models, metal
* Other cable lengths available by special order
Remarks to enclosure ratings:
The enclosure ratings IP67 of OMRON internal standard
correspond to a higher test requirements than the official
standard IEC 60 529 :
● The sensors rated IP67 have special enclosure protection.
In this case, the sensors have passed the OMRON-internal
heat shock test (see below) before the IP67-test of IEC 60
529 (1m water height for 1 hour). Afterwards the sensors
have been tested according to the OMRON-internal water-
proof-test (see below).
Heat shock:
Alternating, fast temperature changes between –25°C and
+55°C are executed for 5 cycles and 1 hour for each tem-
perature. Functioning and isolation is checked afterwards.
Water proof:
After the heat shock test, the sensors are exposed alterna-
ting under water of +2°C and +55°C executing 20 cycles
and 1 hour for each temperature. Functioning, water tight-
ness and electrical isolation is checked afterwards.
Pos.
Code
Sensing method,
sensing distance
Connection
(cable-length)
Output/
Input
config.
Enclo-
sure
ratings
Comments
1
E3FS-10B4 2M
Through beam,
10 m
Pre-wired (2 m)*
PNP
IP67
Receiver and Emitter
2
E3FS-10B4-P1
Through beam,
10 m
Connector
PNP
IP67
Receiver and Emitter
Pos.
Code
Sensing method,
sensing range
Connection
(cable-length)
Output/
Input
config.
Enclo-
sure
ratings
Comments
1
E3FS-10B4-M 2M
Through beam,
10 m
Pre-wired (2 m)*
PNP
IP67
Receiver and Emitter
2
E3FS-10B4-M1-M
Through beam,
10 m
Connector
PNP
IP67
Receiver and Emitter


Similar Part No. - E3FS-10B4-P1

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
E3FSC SWITCH-E3FSC Datasheet
1Mb / 1P
   In two simple steps, inserts can be released while housing stays fastened to the panel
E3FSC SWITCH-E3FSC Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
E3FSCAUQG SWITCH-E3FSCAUQG Datasheet
1Mb / 1P
   In two simple steps, inserts can be released while housing stays fastened to the panel
E3FSCB SWITCH-E3FSCB Datasheet
1Mb / 1P
   In two simple steps, inserts can be released while housing stays fastened to the panel
E3FSCBAU SWITCH-E3FSCBAU Datasheet
1Mb / 1P
   In two simple steps, inserts can be released while housing stays fastened to the panel
More results

Similar Description - E3FS-10B4-P1

ManufacturerPart #DatasheetDescription
logo
G.M. International
PSD1001 GMI-PSD1001 Datasheet
250Kb / 2P
   SIL 3 - SIL 2 Quad ch. Power Supply for Hazardous Area Equipment for Hazardous Area Equipment
logo
PHOENIX CONTACT
BAR-ANT-N-N-EX PHOENIX-BAR-ANT-N-N-EX Datasheet
277Kb / 9P
   Antenna barrier for the hazardous area
logo
Littelfuse
242 LITTELFUSE-242 Datasheet
90Kb / 1P
   Hazardous Area Fuses
logo
STEGO Elektrotechnik Gm...
CREX020-T5 STEGO-CREX020-T5 Datasheet
297Kb / 1P
   HAZARDOUS AREA HEATER
23.08.2022
logo
Cynergy3 Co
LITTLE-EX CYNERGY3-LITTLE-EX Datasheet
725Kb / 1P
   This series is for use in hazardous areas This is suitable for use in water
logo
G.M. International
PSD5201 GMI-PSD5201 Datasheet
131Kb / 2P
   I.S. SIL3 Power Supply for Hazardous Area Equipment
logo
STEGO Elektrotechnik Gm...
CREX020-T4 STEGO-CREX020-T4 Datasheet
325Kb / 1P
   HAZARDOUS AREA HEATER
23.08.2022
logo
Murata Manufacturing Co...
DLW32MH101XT2 MURATA1-DLW32MH101XT2 Datasheet
484Kb / 3P
   Suitable for noise suppression at car area networks
Last updated07/26/2022
DLW32MH201XK2 MURATA1-DLW32MH201XK2 Datasheet
329Kb / 3P
   Suitable for noise suppression at car area networks.
Last updated07/26/2022
DLW32MH201YK2 MURATA1-DLW32MH201YK2 Datasheet
595Kb / 3P
   Suitable for noise suppression at car area networks.
Last updated08/01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com