Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC164AP Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74HC164AP
Description  8-Bit Shift Register (S-IN, P-OUT)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC164AP Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74HC164AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC164AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC164AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC164AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC164AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC164AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC164AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC164AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC164AP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74HC164AP/AF/AFN
2007-10-01
4
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2 to 6
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
40 to 85
°C
Input rise and fall time
tr, tf
0 to 1000 (VCC = 2.0 V)
0 to 500 (VCC = 4.5 V)
0 to 400 (VCC = 6.0 V)
ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
=
40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA


Similar Part No. - TC74HC164AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC164AP TOSHIBA-TC74HC164AP Datasheet
292Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC164AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
   8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
   8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
   8-Bit Shift Register (P-In, S-Out)
TC74VHC165F TOSHIBA-TC74VHC165F_07 Datasheet
279Kb / 12P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_V01 Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com