Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC191AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74HC191AP
Description  4-Bit Binary Up/Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC191AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC191AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 9Page - Toshiba Semiconductor TC74HC191AP Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC74HC191AP/AF
2007-10-01
6
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA


Similar Part No. - TC74HC191AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC191AP TOSHIBA-TC74HC191AP Datasheet
338Kb / 8P
   COMS DIGITAL INTERATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC191AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40193B PHILIPS-HEF40193B Datasheet
120Kb / 9P
   4-bit up/down binary counter
January 1995
logo
Texas Instruments
CY74FCT191T TI1-CY74FCT191T_14 Datasheet
326Kb / 14P
[Old version datasheet]   4-BIT UP/DOWN BINARY COUNTER
CY74FCT191T TI-CY74FCT191T Datasheet
61Kb / 6P
[Old version datasheet]   4-Bit Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
System Logic Semiconduc...
SL74HC193 SLS-SL74HC193 Datasheet
68Kb / 7P
   Presettable 4-Bit Binary UP/DOWN Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com