Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC193AP Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74HC193AP
Description  Synchronous Up/Down Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC193AP Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74HC193AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC193AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC193AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC193AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC193AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC193AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC193AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC193AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC193AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC74HC193AP/AF/AFN
2007-10-01
4
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2~6
V
Input voltage
VIN
0~VCC
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
40~85
°C
Input rise and fall time
tr, tf
0~1000 (VCC = 2.0 V)
0~500 (VCC = 4.5 V)
0~400 (VCC = 6.0 V)
ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA


Similar Part No. - TC74HC193AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP Datasheet
368Kb / 10P
   SYNCHRONOUS UP/DOWN BINARY COUNTER
More results

Similar Description - TC74HC193AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP Datasheet
368Kb / 10P
   SYNCHRONOUS UP/DOWN BINARY COUNTER
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
STMicroelectronics
M54HC193 STMICROELECTRONICS-M54HC193 Datasheet
353Kb / 13P
   RAD-HARD SYNCHRONOUS UP/DOWN BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com