Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC221AP Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74HC221AP
Description  Dual Monostable Multivibrator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC221AP Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74HC221AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TC74HC221AP/AF/AFN
2007-10-01
4
Timing Chart
Functional Description
(1)
Stand-by state
The external capacitor (Cx) is fully charged to VCC in the stand-by state. That means, before
triggering, the QP and QN transistors which are connected to the Rx/Cx node are in the off state. Two
comparators that relate to the timing of the output pulse, and two reference voltage supplies turn off.
The total supply current is only leakage current.
(2)
Trigger operation
Trigger operation is effective in any of the following three cases. First the condition where the
A
input is low, and the B input has a rising signal; second, where the B input is high, and the A input
has a falling signal; and third, where the A input is low and the B input is high, and the CLR
input has a rising signal.
After a trigger becomes effective, comparators C1 and C2 start operating, and QN is turned on. The
external capacitor discharges through QN. The voltage level at the Rx/Cx node drops. If the Rx/Cx
voltage level falls to the internal reference voltage Vref L, the output of C1 becomes low. The flip-flop
is then reset and QN turns off. At that moment C1 stops but C2 continues operating.
After QN turns off, the voltage at the Rx/Cx node starts rising at a rate determined by the time
constant of external capacitor Cx and resistor Rx.
Upon the triggering, output Q becomes high, following some delay time of the internal F/F and
gates. It stays high even if the voltage of Rx/Cx changes from falling to rising. When Rx/Cx reaches
the internal reference voltage Vref H, the output of C2 becomes low, the output Q goes low and C2
stops its operation. That means, after triggering, when the voltage level of the Rx/Cx node reaches
Vref H, the IC returns to its MONOSTABLE state.
With large values of Cx and Rx, and ignoring the discharge time of the capacitor and internal
delays of the IC, the width of the output pulse, tw (OUT), is as follows:
tw (OUT)
= 1.0 Cx Rx
(3)
Reset operation
In normal operation, CLR input is held high. If CLR is low, a trigger has no effect because the Q
output is held low and trigger control F/F is reset. Also, QP turns on and Cx is charge rapidly to VCC.
This means if CLR input is set low, the IC goes into a wait state.


Similar Part No. - TC74HC221AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP Datasheet
468Kb / 11P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC221AP_07

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com