Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC238AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74HC238AF
Description  3-to-8 Line Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC238AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74HC238AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC238AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC238AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC238AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC238AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC238AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC238AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC238AF Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74HC238AP/AF
2007-10-01
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
4
8
ns
Propagation delay time
(A, B, C-Y)
tpLH
tpHL
14
26
ns
Propagation delay time
(G, G-Y)
tpLH
tpHL
14
26
ns


Similar Part No. - TC74HC238AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC238AF TOSHIBA-TC74HC238AF Datasheet
256Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC238AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
   3-to-8 Line Decoder
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
   3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
   3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
   3-to-8 Line Decoder
logo
Toshiba Semiconductor
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
   3-to-8 Line Decoder
2016-08-18
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A Datasheet
155Kb / 6P
   3-to-8 Line Decoder
1997 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com