Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1242 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1242
Description  Strobe Flash Applications Medium Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1242 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1242 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1242 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1242 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1242 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1242
2006-11-09
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1242
Strobe Flash Applications
Medium Power Amplifier Applications
• Excellent hFE linearity
: hFE (1) = 100 to 320 (VCE = −2 V, IC = −0.5 A)
: hFE (2) = 70 (min) (VCE = −2 V, IC = −4 A)
• Low collector saturation voltage
: VCE (sat) = −1.0 V (max) (IC = −4 A, IB = −0.1 A)
• High power dissipation
: PC = 10 W (Tc = 25°C), PC = 1.0 W (Ta = 25°C)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−35
V
Collector-emitter voltage
VCEO
−20
V
Emitter-base voltage
VEBO
−8
V
DC
IC
−5
Collector current
Pulsed
(Note 1)
ICP
−8
A
Base current
IB
−0.5
A
Ta = 25°C
1.0
Collector power
dissipation
Tc = 25°C
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Pulse test: Pulse width = 10 ms (max), duty cycle = 30% (max)
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/Derating Concept and Methods) and individual
reliability data (i.e. reliability test report and estimated failure
rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-7B1A
Weight: 0.36 g (typ.)
JEDEC
JEITA
TOSHIBA
2-7J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SA1242

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1242 TOSHIBA-2SA1242 Datasheet
150Kb / 3P
   TRANSISOTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1242 TOSHIBA-2SA1242 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
logo
Inchange Semiconductor ...
2SA1242 ISC-2SA1242 Datasheet
266Kb / 3P
   isc Silicon PNP Power Transistor
logo
Foshan Blue Rocket Elec...
2SA1242 FOSHAN-2SA1242 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
logo
Jiangsu Changjiang Elec...
2SA1242 JIANGSU-2SA1242 Datasheet
267Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
More results

Similar Description - 2SA1242

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
   STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SA1160 TOSHIBA-2SA1160_07 Datasheet
150Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1431 TOSHIBA-2SA1431_06 Datasheet
142Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1160 TOSHIBA-2SA1160_09 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com