Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP733 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP733
Description  Switching Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP733 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP733_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP733_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP733_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP733_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP733_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP733_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP733_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP733_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP733_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLP733,TLP734
2002-09-25
3
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
5
24
V
Forward current
IF
16
25
mA
Collector current
IC
1
10
mA
Operating temperature
Topr
−25
85
°C
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Collector
−emitter
breakdown voltage
V(BR)CEO
IC = 0.5 mA
55
V
Emitter
−collector
breakdown voltage
V(BR)ECO
IE = 0.1 mA
7
V
Collector
−base
breakdown voltage
(TLP733)
V(BR)CBO
IC = 0.1 mA
80
V
Emitter
−base
breakdown voltage
(TLP733)
V(BR)EBO
IE = 0.1 mA
7
V
VCE = 24 V
(ambient light
below 1000 ℓx)
0.01
(2)
0.1
(10)
μA
Collector dark current
ICEO
VCE = 24 V
(ambient light
Ta = 85°C
below 1000 ℓx)
2
(4)
50
(50)
μA
Collector dark current
(TLP733)
ICER
VCE = 24 V, Ta = 85°C
RBE = 1MΩ
0.5
10
μA
Collector dark current
(TLP733)
ICBO
VCB = 10 V
0.1
nA
DC forward current gain
(TLP733)
hFE
VCE = 5 V, IC = 0.5 mA
400
Capacitance collector to
emitter
CCE
V = 0, f = 1 MHz
10
pF


Similar Part No. - TLP733_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP733F TOSHIBA-TLP733F Datasheet
186Kb / 2P
   Switching Power Supply
TLP733F TOSHIBA-TLP733F Datasheet
137Kb / 2P
   Office Machine Switching Power Supply
TLP733F TOSHIBA-TLP733F_07 Datasheet
186Kb / 2P
   Switching Power Supply
More results

Similar Description - TLP733_07

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com