Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC283AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC283AP
Description  4-Bit Binary Full Adder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC283AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC283AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC283AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC283AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC283AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC283AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC283AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC283AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC283AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC283AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74HC283AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC283AP,TC74HC283AF,TC74HC283AFN
4-Bit Binary Full Adder
The TC74HC283A is a high speed CMOS 4-BIT BINARY FULL
ADDER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
Sum (Σ) outputs are provided for each bit and a resultant carry
(C4) is obtained from the fourth bit.
This adder features full internal look-ahead across all four bits.
A4 × n bit binary adder is easily built up by cascading the
HC283A without any additional logic.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 17 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS283
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC283AP
TC74HC283AF
TC74HC283AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74HC283AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC283AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
logo
Hitachi Semiconductor
HD74HC283 HITACHI-HD74HC283 Datasheet
56Kb / 10P
   4-bit Binary Full Adder
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
   4-bit binary full adder
January 1995
logo
Renesas Technology Corp
HD74HC283 RENESAS-HD74HC283 Datasheet
105Kb / 8P
   4-bit Binary Full Adder
logo
STMicroelectronics
M74HC283 STMICROELECTRONICS-M74HC283 Datasheet
1,005Kb / 9P
   4-BIT BINARY FULL ADDER
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com