Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP706F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP706F
Description  Intelligent power module signal isolation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP706F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP706F Datasheet HTML 1Page - Toshiba Semiconductor TLP706F Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP706F
2007-10-01
1
Weight:0.26 g (t yp.)
TOSHIBA
11-5J101
Unit in mm
4.58±0.25
0.4±0.1
1 2 3
1.27±0.2
6 5 4
11.7±0.3
0.75±0.25
7.62±0.25
11-5J101
TOSHIBA PHOTOCOUPLER GaAℓAs IRED & PHOTO-IC
TLP706F
Intelligent power module signal isolation
Industrial inverters
Motor drive
The Toshiba TLP706F consists of a GaAℓAs light-emitting diode and an
integrated high-gain, high-speed photodetector. The TLP706F is suitable for
isolating input control signals to intelligent power modules. This unit is a 6-pin
SDIP. The TLP706F is 50% smaller than the 8-PIN DIP and meets the
reinforced insulation class requirements of international safety standards.
Therefore the mounting area can be reduced in equipment requiring safety
standard certification.
The detector has a totem pole output stage to provide both source and sink
driving.The detector IC has an internal shield that provides a guaranteed
common-mode transient immunity of 10 kV/μs.
The TLP706F is buffer logic type. For inverter logic type, the TLP702F is in
line-up.
Absolute Maxmum ratings and electrical characteristics are the same as
The TLP706 technical data sheets.
Buffer logic type ( totem pole output )
Pb Free
Guaranteed performance over temperature : −40~100°C
Power supply voltage : 4.5~20 V
Input current: IFHL = 5 mA (max.)
Switching time ( tpLH / tpHL) : 600 ns (max.)
Common-mode transient immunity : ±10 kV/μs (min)
Isolation voltage : 5000 Vrms (min)
UL Recognized :UL1577, File No.E67349
Option (D4)
TÜV Approved : DIN EN60747-5-2
No.R50033433
Maximum Operating Insulation Voltage : 1140VPK
Highest Permissible Over Voltage
: 8000VPK
(Note) : When a EN60747-5-2 approved type is needed,
Please designate “Option(D4)”
Construction Mechanical Rating
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
Creepage Distance
Clearance
Insulation Thickness
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
VCC
GND
SHIELD
1
3
4
5
6
2
1:ANODE
2:N.C.
3:CATHODE
4:GND
5:Vo
6:Vcc
Pin Configuration (Top View)
VCC
VO
GND
ICC
IO
6
5
4
SHIELD
3-
1+
IF
VF
Tr1
Tr2
0.1
μF bypass capacitor must be
connected between pins 6 and 4. (Note 4)
Schematic


Similar Part No. - TLP706F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results

Similar Description - TLP706F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP702F TOSHIBA-TLP702F Datasheet
94Kb / 2P
   Intelligent power module signal isolation
TLP102 TOSHIBA-TLP102_05 Datasheet
250Kb / 6P
   PHOTO-IC Intelligent Power Module Signal Isolation
TLP106 TOSHIBA-TLP106_07 Datasheet
249Kb / 6P
   PHOTO-IC Intelligent Power Module Signal Isolation
TLP106 TOSHIBA-TLP106 Datasheet
113Kb / 8P
   Intelligent Power Module Signal Isolation Industrial Inverters Moter Drive
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
Fuji Electric
7MBP75RA-060 FUJI-7MBP75RA-060 Datasheet
705Kb / 9P
   Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM703S60C1 AOSMD-AIM703S60C1 Datasheet
812Kb / 11P
   Intelligent Power Module
Rev.1.0 July 2021
logo
Fuji Electric
7MBP150RA-060 FUJI-7MBP150RA-060 Datasheet
430Kb / 9P
   Intelligent Power Module
7MBP100RA-060 FUJI-7MBP100RA-060 Datasheet
430Kb / 9P
   Intelligent Power Module
7MBP50RA-060 FUJI-7MBP50RA-060 Datasheet
440Kb / 9P
   Intelligent Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com