Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP630 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP630
Description  Telecommunication
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP630 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP630 Datasheet HTML 1Page - Toshiba Semiconductor TLP630 Datasheet HTML 2Page - Toshiba Semiconductor TLP630 Datasheet HTML 3Page - Toshiba Semiconductor TLP630 Datasheet HTML 4Page - Toshiba Semiconductor TLP630 Datasheet HTML 5Page - Toshiba Semiconductor TLP630 Datasheet HTML 6Page - Toshiba Semiconductor TLP630 Datasheet HTML 7Page - Toshiba Semiconductor TLP630 Datasheet HTML 8Page - Toshiba Semiconductor TLP630 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP630
2007-10-01
4
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance (input to output)
CS
VS = 0, f = 1MHz
0.8
pF
Isolation resistance
RS
VS = 500V, R.H. ≤ 60%
5
×1010
10
14
AC, 1 minute
5000
AC, 1 second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rise time
tr
2
Fall time
tf
3
Turn
−on time
tON
3
Turn
−off time
tOFF
VCC = 10V, IC = 2mA
RL = 100Ω
3
μs
Turn
−on time
tON
2
Storage time
tS
15
Turn
−off time
tOFF
RL = 1.9 kΩ
(Note 2)
RBE = OPEN
VCC = 5 V, IF = ±16mA
25
μs
Turn
−on time
tON
2
Storage time
tS
12
Turn
−off time
tOFF
RL = 1.9kΩ
(Note 2)
RBE = 220kΩ, VCC = 5 V
IF = ±16mA
20
μs
(Note 2)
Switching time test circuit


Similar Part No. - TLP630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
   Programmable Controllers AC / DC-Input Module Telecommunication
More results

Similar Description - TLP630

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0511001 PST-FAB0511001 Datasheet
246Kb / 3P
   Telecommunication
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Central Technologies
T1-CEPT-ISDN-PRI-DIP CT-T1-CEPT-ISDN-PRI-DIP Datasheet
452Kb / 2P
   Telecommunication Components
logo
EXCEL CELL ELECTRONIC C...
ETRGS ECE-ETRGS Datasheet
96Kb / 3P
   TELECOMMUNICATION RELAY
ETRAZ ECE-ETRAZ Datasheet
91Kb / 2P
   TELECOMMUNICATION RELAY
ETRST ECE-ETRST Datasheet
103Kb / 2P
   TELECOMMUNICATION RELAY
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Central Technologies
T1 CT-T1 Datasheet
491Kb / 2P
   Telecommunication Components
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com