Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC4520AP Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74HC4520AP
Description  Dual 4-Bit Binary Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4520AP Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TC74HC4520AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4520AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4520AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4520AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4520AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4520AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4520AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4520AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4520AP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TC74HC4520AP/AF
2007-10-01
6
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
(CK, CE -Qn)
tpLH
tpHL
2.0
4.5
6.0
72
22
18
160
32
27
200
40
34
ns
Propagation delay
time
(CLR-Qn)
tpHL
2.0
4.5
6.0
65
20
16
150
30
26
190
38
33
ns
Maximum clock
frequency
fmax
2.0
4.5
6.0
6
30
35
23
51
60
4
24
28
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
32
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/2 (per circuit)


Similar Part No. - TC74HC4520AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4520AP TOSHIBA-TC74HC4520AP Datasheet
237Kb / 5P
   DUAL 4-BIT BINALY COUNTER
More results

Similar Description - TC74HC4520AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC393 FAIRCHILD-74VHC393_07 Datasheet
297Kb / 10P
   Dual 4-Bit Binary Counter
logo
Intel Corporation
4520B INTEL-4520B Datasheet
165Kb / 3P
   DUAL 4-BIT BINARY COUNTER
logo
STMicroelectronics
M74HC4520 STMICROELECTRONICS-M74HC4520 Datasheet
361Kb / 12P
   DUAL 4 BIT BINARY COUNTER
logo
Texas Instruments
SN74LV393A-Q1 TI1-SN74LV393A-Q1 Datasheet
254Kb / 12P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTER
SN74LV393A-EP TI1-SN74LV393A-EP Datasheet
536Kb / 13P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS393 FAIRCHILD-DM74LS393 Datasheet
56Kb / 6P
   Dual 4-Bit Binary Counter
74VHC393 FAIRCHILD-74VHC393 Datasheet
109Kb / 8P
   Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393 Datasheet
84Kb / 7P
   Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393_05 Datasheet
89Kb / 8P
   Dual 4-Bit Binary Counter
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com