Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP621 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP621
Description  Programmable Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP621 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TLP621 Datasheet HTML 2Page - Toshiba Semiconductor TLP621 Datasheet HTML 3Page - Toshiba Semiconductor TLP621 Datasheet HTML 4Page - Toshiba Semiconductor TLP621 Datasheet HTML 5Page - Toshiba Semiconductor TLP621 Datasheet HTML 6Page - Toshiba Semiconductor TLP621 Datasheet HTML 7Page - Toshiba Semiconductor TLP621 Datasheet HTML 8Page - Toshiba Semiconductor TLP621 Datasheet HTML 9Page - Toshiba Semiconductor TLP621 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TLP621,TLP621
−2,TLP621−4
2007-10-01
6
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rise time
tr
2
Fall time
tf
3
Turn
−on time
ton
3
Turn
−off time
toff
VCC = 10 V, IC = 2 mA
RL = 100Ω
3
μs
Turn
−on time
tON
2
Storage time
tS
15
Turn
−off time
tOFF
RL = 1.9 kΩ (Fig.1)
VCC = 5 V, IF = 16 mA
25
μs
Fig. 1 Switching time test circuit
IF
RL
VCC
VCE
VCE
tON
IF
tOFF
VCC
4.5V
0.5V
tS


Similar Part No. - TLP621

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621 Datasheet
425Kb / 10P
   PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
logo
ISOCOM COMPONENTS
TLP621 ISOCOM-TLP621 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621 Datasheet
208Kb / 10P
   Programmable Controller AC / DC?묲nput Module Solid State Relay
TLP621 TOSHIBA-TLP621 Datasheet
208Kb / 10P
   Programmable Controller AC / DC?묲nput Module Solid State Relay
TLP621 TOSHIBA-TLP621 Datasheet
208Kb / 10P
   Programmable Controller AC / DC?묲nput Module Solid State Relay
More results

Similar Description - TLP621

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
SELEC Controls Pvt. Ltd
MM1013 SELEC-MM1013 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com