Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP620 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP620
Description  Programmable Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP620 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP620_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP620_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP620_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP620_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP620_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP620_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP620_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP620_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP620_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLP620,TLP620−2,TLP620−4
2007-10-01
6
ΔVF / ΔTa – IF
Forward current IF (mA)
1
−2.8
−2.4
−2.0
−1.6
−1.2
−0.8
−0.4
0.1
0.3
3
10
30
ID – Ta
Ambient temperature Ta (°C)
0
40
80
120
160
101
100
10
−1
10
−2
10
−3
10
−4
VCE = 24V
10
5
IFP – VFP
Pulse forward voltage VFP (V)
1000
500
300
100
0
0.4
0.8
1.2
1.6
2.0
50
30
10
5
3
1
2.4
Pulse width≦10μs
Repetitive
Frequency = 100Hz
Ta = 25°C
IC – VCE
Collector-emitter voltage VCE (V)
80
60
40
20
0
0
2
4
8
6
10
Ta = 25°C
50mA
10mA
30mA
20mA
15mA
IF = 5mA
PC (MAX.)
IF – VF
Forward voltage VF (V)
100
50
30
10
5
3
0.1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
0.5
0.3
Ta = 25°C
IC – VCE
Collector-emitter voltage VCE (V)
25
20
15
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
5
Ta = 25°C
50mA
40mA
30mA
20mA
10mA
5mA
IF = 2mA


Similar Part No. - TLP620_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP620-2 TOSHIBA-TLP620-2 Datasheet
425Kb / 9P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
ISOCOM COMPONENTS
TLP620-2 ISOCOM-TLP620-2 Datasheet
75Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TLP620-2 ISOCOM-TLP620-2 Datasheet
99Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP620-2 TOSHIBA-TLP620-2 Datasheet
234Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
logo
ISOCOM COMPONENTS
TLP620-2X ISOCOM-TLP620-2X Datasheet
75Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - TLP620_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com