Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP1200D060 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PP1200D060
Description  POW-R-PAK 1200A / 600V Half Bridge IGBT Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP1200D060 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PP1200D060 Datasheet HTML 1Page - Powerex Power Semiconductors PP1200D060 Datasheet HTML 2Page - Powerex Power Semiconductors PP1200D060 Datasheet HTML 3Page - Powerex Power Semiconductors PP1200D060 Datasheet HTML 4Page - Powerex Power Semiconductors PP1200D060 Datasheet HTML 5Page - Powerex Power Semiconductors PP1200D060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TENTATIVE
PP1200D060
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-PAK
TM
1200A / 600V
Half Bridge IGBT Assembly
PP1200D060(-)
- 5 -
Performance Curves
Effective Output Current vs. Carrier Frequency (Typical)
Condition
Symbol
Value
Units
Ambient Temperature
TA
40
°C
DC Bus Voltage
VCC
300
Volts
Load Power Factor
cos
φ
0.8
IGBT Saturation Voltage
VCE(sat)
Typical @ TJ = 125°C
Volts
IGBT Switching Loss
ESW
Typical @ TJ = 125°C
mJ
Airflow
-
1500
LFM
Switching Conditions
3 phase PWM, 60Hz sinusoidal output
40
50
60
70
80
90
100
110
120
130
140
400
500
600
700
800
900
1000 1100 1200 1300 1400
I
out ARMS
10kHz
5kHz
1kHz


Similar Part No. - PP1200D060

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - PP1200D060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP900D060 POWEREX-PP900D060 Datasheet
365Kb / 6P
   POW-R-PAK 900A / 600V Half Bridge IGBT Assembly
PP600D060 POWEREX-PP600D060 Datasheet
362Kb / 6P
   POW-R-PAK 600A / 600V Half Bridge IGBT Assembly
PP450D060 POWEREX-PP450D060 Datasheet
363Kb / 6P
   POW-R-PAK 450A / 600V Half Bridge IGBT Assembly
PP300D060 POWEREX-PP300D060 Datasheet
363Kb / 6P
   POW-R-PAK 300A / 600V Half Bridge IGBT Assembly
PP900D120 POWEREX-PP900D120 Datasheet
366Kb / 6P
   POW-R-PAK 900A / 1200V Half Bridge IGBT Assembly
PP225D120 POWEREX-PP225D120 Datasheet
363Kb / 6P
   POW-R-PAK 225A / 1200V Half Bridge IGBT Assembly
PP600D120 POWEREX-PP600D120 Datasheet
366Kb / 6P
   POW-R-PAK 600A / 1200V Half Bridge IGBT Assembly
PP300T060 POWEREX-PP300T060 Datasheet
362Kb / 6P
   POW-R-PAK 300A / 1200V Half Bridge IGBT Assembly
PP450D120 POWEREX-PP450D120 Datasheet
366Kb / 6P
   POW-R-PAK 450A / 1200V Half Bridge IGBT Assembly
PP300D120 POWEREX-PP300D120 Datasheet
363Kb / 6P
   POW-R-PAK 300A / 1200V Half Bridge IGBT Assembly
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com